Electronic Components Datasheet Search
  English  ▼

X  

FMMT591 Datasheet(PDF) 1 Page - Weitron Technology

Part # FMMT591
Description  General Purpose Transistor PNP Silicon
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

FMMT591 Datasheet(HTML) 1 Page - Weitron Technology

  FMMT591 Datasheet HTML 1Page - Weitron Technology FMMT591 Datasheet HTML 2Page - Weitron Technology FMMT591 Datasheet HTML 3Page - Weitron Technology FMMT591 Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
General Purpose Transistor PNP Silicon
Maximum Ratings
Collector Current
Collector-Emitter Breakdown Voltage
Emitter-Base Breakdown Voltage
Collector-Base Breakdown Voltage
Symbol
Symbol
IC
Value
-60
-80
-5.0
Unit
Unit
V
V
V
A
-1.0
Rating
FMMT591
1
2
3
BASE
COLLECTOR
EMITTER
SOT-23
1
2
3
Lead(Pb)-Free
P b
Device Marking
Off Characteristics
Electrical Characteristics (TA=25ºC Unless Otherwise noted)
Power Dissipation
TA=25°C
Junction Temperature Range
Storage Temperature Range
PD
TJ
TSTG
V(BR)CEO
V(BR)CBO
V(BR)EBO
500
+150
mW
°C
°C
-0.1
-
-80
-60
V
V
V
µA
µA
-5.0
-
-
-0.1
-
-
-
-
-
-
-
WEITRON
http://www.weitron.com.tw
1/4
23-Jan-06
FMMT591=591
Collector Cut-off Current
VCB = -60V, IE = 0
Emitter Cut-off Current
VEB = -4.0V, IC = 0
Collent Cutoff Current
IC = 0, IE = -100µA
Collent-Base Breakdown Voltage
IC = -100µA, IE = 0
Collent-Emitter Breakdown Voltage1
IC = -1.0mA, IB = 0
V(BR)CEO
V(BR)CBO
V(BR)EBO
ICBO
IEBO
-55 to +150
Characteristics
Min
Max
Typ


Similar Part No. - FMMT591

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT591 ZETEX-FMMT591 Datasheet
130Kb / 2P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Galaxy Semi-Conductor H...
FMMT591 BILIN-FMMT591 Datasheet
244Kb / 4P
PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
FMMT591 KEXIN-FMMT591 Datasheet
35Kb / 1P
Medium Power Transistor
logo
Rectron Semiconductor
FMMT591 RECTRON-FMMT591 Datasheet
318Kb / 3P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
logo
Diodes Incorporated
FMMT591 DIODES-FMMT591 Datasheet
298Kb / 8P
Medium power PNP transistor in SOT23
september 2007
More results

Similar Description - FMMT591

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT2907AWT1 ONSEMI-MMBT2907AWT1 Datasheet
76Kb / 4P
General Purpose Transistor(PNP Silicon)
April, 2004 ??Rev. 3
logo
Zowie Technology Corpor...
MMBT2907A ZOWIE-MMBT2907A Datasheet
90Kb / 4P
GENERAL PURPOSE TRANSISTOR PNP SILICON
logo
Weitron Technology
A733LT1 WEITRON-A733LT1 Datasheet
1Mb / 4P
General Purpose Transistor PNP Silicon
BC807-16 WEITRON-BC807-16 Datasheet
322Kb / 4P
General Purpose Transistor PNP Silicon
MMBT3906 WEITRON-MMBT3906 Datasheet
300Kb / 6P
General Purpose Transistor PNP Silicon
logo
SeCoS Halbleitertechnol...
2N2907A SECOS-2N2907A Datasheet
210Kb / 5P
PNP Silicon General Purpose Transistor
2SA1036K SECOS-2SA1036K Datasheet
227Kb / 2P
PNP Silicon General Purpose Transistor
2SA1576F SECOS-2SA1576F Datasheet
439Kb / 3P
PNP Silicon General Purpose Transistor
2SB709A SECOS-2SB709A Datasheet
564Kb / 3P
PNP Silicon General Purpose Transistor
logo
ON Semiconductor
BCW68GLT1G ONSEMI-BCW68GLT1G Datasheet
113Kb / 3P
General Purpose Transistor PNP Silicon
August, 2009 ??Rev. 5
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com