Electronic Components Datasheet Search
  English  ▼

X  

FMMT591 Datasheet(PDF) 3 Page - Weitron Technology

Part # FMMT591
Description  General Purpose Transistor PNP Silicon
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

FMMT591 Datasheet(HTML) 3 Page - Weitron Technology

  FMMT591 Datasheet HTML 1Page - Weitron Technology FMMT591 Datasheet HTML 2Page - Weitron Technology FMMT591 Datasheet HTML 3Page - Weitron Technology FMMT591 Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
WEITRON
TYPICAL TRANSIENT CHARACTERISTICS
http://www.weitron.com.tw
FMMT591
3/4
23-Jan-06
0
0.1
0.2
0.3
0.4
0.5
0.6
IC/IB=10
IC/IB=10
-55°C
+25°C
+100°C
+25°C
IC/IB=10
IC/IB=50
IC-Collector Current (mA)
Fig.2 VCE(sat) vs IC
IC-Collector Current (mA)
Fig.4 VBE(sat) vs IC
IC-Collector Current (mA)
Fig.1 VCE(sat) vs IC
IC-Collector Current (mA)
Fig.3 hFE vs IC
1
0
0.1
0.2
0.3
0.4
0.5
0.6
0
0.2
0.4
0.6
0.8
1.0
0
100
200
300
400
10
100
1000
10000
1
10
100
1000
10000
IC-Collector Current (mA)
Fig.5 VBE(on) vs IC
0
0.2
0.4
0.6
0.8
1.0
1.2
0.01
0.1
1
10
1
10
100
1000
10000
VCE-Collector Emitter Voltage (V)
Fig.6 Safe Operating Area
0.1
1
10
100
1
10
100
1000
10000
1
10
100
1000
10000
+100°C
VCE=5V
VCE=5V
+25°C
-55°C
-55°C
+25°C
+100°C
-55°C
+25°C
+100°C
DC
1s
100ms
10ms
1ms
100µs



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com