Electronic Components Datasheet Search
  English  ▼

X  

BAS21W Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BAS21W
Description  High-voltage switching diodes
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS21W Datasheet(HTML) 3 Page - NXP Semiconductors

  BAS21W Datasheet HTML 1Page - NXP Semiconductors BAS21W Datasheet HTML 2Page - NXP Semiconductors BAS21W Datasheet HTML 3Page - NXP Semiconductors BAS21W Datasheet HTML 4Page - NXP Semiconductors BAS21W Datasheet HTML 5Page - NXP Semiconductors BAS21W Datasheet HTML 6Page - NXP Semiconductors BAS21W Datasheet HTML 7Page - NXP Semiconductors BAS21W Datasheet HTML 8Page - NXP Semiconductors BAS21W Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
BAS21W_SER_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 9 October 2009
3 of 11
NXP Semiconductors
BAS21W series
High-voltage switching diodes
4.
Marking
[1]
* = -: made in Hong Kong
* = p: made in Hong Kong
* = t: made in Malaysia
* = W: made in China
5.
Limiting values
[1]
Single diode loaded.
[2]
Double diode loaded.
[3]
Tj =25 °C prior to surge.
[4]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
Table 5.
Marking codes
Type number
Marking code[1]
BAS21W
X4*
BAS21AW
X6*
BAS21SW
X5*
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
VR
reverse voltage
-
250
V
IF
forward current
[1] -
225
mA
[2] -
125
mA
IFRM
repetitive peak forward
current
-
625
mA
IFSM
non-repetitive peak forward
current
square wave
[3]
tp =1 µs-
9
A
tp = 100 µs-
3
A
tp =10ms
-
1.7
A
Per device
Ptot
total power dissipation
Tamb ≤ 25 °C
[4] -
200
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−55
+150
°C
Tstg
storage temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com