Electronic Components Datasheet Search
  English  ▼

X  

BAS21W Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BAS21W
Description  High-voltage switching diodes
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS21W Datasheet(HTML) 4 Page - NXP Semiconductors

  BAS21W Datasheet HTML 1Page - NXP Semiconductors BAS21W Datasheet HTML 2Page - NXP Semiconductors BAS21W Datasheet HTML 3Page - NXP Semiconductors BAS21W Datasheet HTML 4Page - NXP Semiconductors BAS21W Datasheet HTML 5Page - NXP Semiconductors BAS21W Datasheet HTML 6Page - NXP Semiconductors BAS21W Datasheet HTML 7Page - NXP Semiconductors BAS21W Datasheet HTML 8Page - NXP Semiconductors BAS21W Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
BAS21W_SER_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 9 October 2009
4 of 11
NXP Semiconductors
BAS21W series
High-voltage switching diodes
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
7.
Characteristics
[1]
When switched from IF = 10 mA to IR = 10 mA; RL = 100 Ω; measured at IR = 1 mA.
Table 7.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per device
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1] -
-
625
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
-
-
300
K/W
Table 8.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
VF
forward voltage
IF = 100 mA
-
-
1.0
V
IF = 200 mA
-
-
1.25
V
IR
reverse current
VR = 200 V
-
-
100
nA
VR = 200 V; Tj = 150 °C
-
-
100
µA
Cd
diode capacitance
f = 1 MHz; VR =0V
-
-
2
pF
trr
reverse recovery time
[1] --50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com