Electronic Components Datasheet Search
  English  ▼

X  

MSB709 Datasheet(PDF) 4 Page - Weitron Technology

Part # MSB709
Description  PNP General Purpose Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MSB709 Datasheet(HTML) 4 Page - Weitron Technology

  MSB709 Datasheet HTML 1Page - Weitron Technology MSB709 Datasheet HTML 2Page - Weitron Technology MSB709 Datasheet HTML 3Page - Weitron Technology MSB709 Datasheet HTML 4Page - Weitron Technology MSB709 Datasheet HTML 5Page - Weitron Technology MSB709 Datasheet HTML 6Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
http://www.weitron.com.tw
WEITRON
MSB709
4/6
18-Sep-06
Tape & Reel and Packaging Specifications for
Small-Signal Transistors, FETs and Diodes
Embossed Tape and Reel is used to facilitate automatic pick and place equipment feed requirements. The tape is used as the
shipping container for various products and requires a minimum of handling. The antistatic/conductive tape provides a secure
cavity for the product when sealed with the “peel–back” cover tape.
• Two Reel Sizes Available (7"and 13",)
• Used for Automatic Pick and Place Feed Systems
• Minimizes Product Handling
• EIA 481, –1, –2
• SOT–23, SC–70/SOT–323,
SC–89, SC–88/SOT–363,SC–88A/SOT–353,
SOD–323, SOD-523 in 8 mm Tape
Use the standard device title and add the required suffix as listed in the option table below (Table 1). Note that the individual
reels have a finite number of devices depending on the type of product contained in the tape. Also note the minimum lot size is
one full reel for each line item, and orders are required to be in increments of the single reel quantity.
Tape Width
Pitch
Reel Size
Devices Per Reel
Device
(mm)
mm
mm(inch)
and Minimum
Suffix
Order Quantity
SOT–23
SC–70/SOT–323
Table 1. EMBOSSED TAPE AND REEL ORDERING INFORMATION
Package
Typical Reel Orientations
Direction of Feed
SOD-323
8mm
SC-59, SC-70, SC-75,SOT-23
8mm
SC-88, SOT-363
T1 Orientation
8mm
SC-88A, SOT-353
T1 Orientation
8mm
SC–89
SC–88/SOT-363
SC–88A/SOT-353
SOD-323
SOD-523
8
8
8
8
8
8
8
8
8
8
8
8
8
8
4
4
4
4
4
4
4
4
4
4
4
4
4
4
178
330
178
330
178
330
178
330
178
330
178
330
178
330
(7)
(13)
(7)
(13)
(7)
(13)
(7)
(13)
(7)
(13)
(7)
(13)
(7)
(13)
3,000
10,000
3,000
10,000
3,000
10,000
3,000
10,000
3,000
10,000
3,000
10,000
3,000
10,000



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com