Electronic Components Datasheet Search
  English  ▼

X  

MSB709 Datasheet(PDF) 5 Page - Weitron Technology

Part # MSB709
Description  PNP General Purpose Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MSB709 Datasheet(HTML) 5 Page - Weitron Technology

  MSB709 Datasheet HTML 1Page - Weitron Technology MSB709 Datasheet HTML 2Page - Weitron Technology MSB709 Datasheet HTML 3Page - Weitron Technology MSB709 Datasheet HTML 4Page - Weitron Technology MSB709 Datasheet HTML 5Page - Weitron Technology MSB709 Datasheet HTML 6Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
http://www.weitron.com.tw
WEITRON
MSB709
5/6
18-Sep-06
EMBOSSED TAPE AND REEL DATA FOR DISCRETES
CARRIER TAPE SPECIFICATIONS
0
Metric dimensions govern - English are in parentheses for reference only.
NOTE 1: A 0, B0 , and K0are determined by component size. The clearance between the components and the cavity must be within
.05 mm min. to.50 mm max.,
NOTE 2: the component cannot rotate more than 10 o within the determined cavity.
NOTE 3: If B1exceeds 4.2 mm for 8 mm embossed tape, the tape may not feed through all tape feeders.
FOR MACHINE REFERENCE ONLY
INCLUDING DRAFT AND RADII
CONCENTRIC AROUND B
0
Top Cover Tape Thickness
0.10 mm Max.
Embossment
Embossed Carrier
R Min
Bending Radius
Maximum Component Rotation
Typical Component
Cavity Center Line
Typical Component
Center Line
100 mm
250 mm
1 mm Max
1 mm Max
10°
Tape and Components
Shall Pass Around Radius “R”
Without Damage
Tape
Camber (Top View)
Allowable Camber To Be 1 mm/100 mm Nonaccumulative Over 250 mm
Barcode Label
W
F
E
10 Pitches Cumulative Tolerance on Tape
±0.2 mm
P0
P2
Center Lines
of Cavity
D1
For Components
2.0 mm x 1.2 mm and Larger
D
A0
Embossment
P
Top Cover
Tape
K0
Note 1
t
B1
#
K
User Direction of Feed
B0
8mm
12mm
16mm
24mm
B1 Max
D
D1
E
F
K
P0
P2
R Min T Max W Max
#(Note 2)
4.55 mm
8.2 mm
12.1 mm
20.1 mm
3.5±0.05 mm
5.5±0.05 mm
7.5±0.10 mm
11.5±0.1 mm
2.4 mm Max
6.4 mm Max
7.9 mm Max
11.9 mm Max
8.3 mm
12±0.3 mm
16.3 mm
24.3 mm
0.6 mm
25 mm
30 mm
2.0±0.1 mm
4.0±0.1 mm
1.5+0.1 mm
-0.0
1.0 Min
1.5 mm Min
1.75±0.1 mm
DIMENSIONS
Size



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com