Electronic Components Datasheet Search
  English  ▼

X  

SSF6401 Datasheet(PDF) 1 Page - Silikron Semiconductor Co.,LTD.

Part # SSF6401
Description  PWM applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF6401 Datasheet(HTML) 1 Page - Silikron Semiconductor Co.,LTD.

  SSF6401 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF6401 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF6401 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF6401 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF6401 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSF6401 Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. SSF6401 Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SSF6401
DESCRIPTION
D
G
S
The SSF6401 uses advanced trench technology to
provide excellent RDS(ON), low gate charge and operation
with gate voltages as low as 2.5V. This device is suitable
for use as a load switch or in PWM applications.
Schematic diagram
GENERAL FEATURES
PACKAGE MARKING AND ORDERING INFORMATION
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
6401
SSF6401
SOT-23
Ø180mm
8 mm
3000 units
ABSOLUTE MAXIMUM RATINGS(TA=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-12
V
Gate-Source Voltage
VGS
±8
V
ID
-4.3
A
Drain Current-Continuous@ Current-Pulsed (Note 1)
IDM
-34
A
Maximum Power Dissipation
PD
1.3
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
℃
THERMAL CHARACTERISTICS
Thermal Resistance,Junction-to-Ambient (Note 2)
RθJA
100
/W
℃
ELECTRICAL CHARACTERISTICS (TA=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min Typ
Max
Unit
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=-250μA
-12
V
Zero Gate Voltage Drain Current
IDSS
VDS=-12V,VGS=0V
-1
μA
Gate-Body Leakage Current
IGSS
VGS=±8V,VDS=0V
±100
nA
●
V
= -12V,I
DS
D = -4.3A
< 85mΩ @ V
RDS(ON)
GS=-2.5V
< 50mΩ @ V
RDS(ON)
GS=-4.5V
●
High Power and current handing capability
●
Lead free product is acquired
●
Surface Mount Package
Marking and pin Assignment
Application
●
PWM applications
●
Load switch
●
Power management
SOT-23 top view
©Silikron Semiconductor CO.,LTD.
1
http://www.silikron.com
v1.0


Similar Part No. - SSF6401

ManufacturerPart #DatasheetDescription
logo
Semikron International
SSF6401 SEMIKRON-SSF6401_17 Datasheet
514Kb / 7P
PWM applications
More results

Similar Description - SSF6401

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF2301B SILIKRON-SSF2301B Datasheet
289Kb / 5P
PWM applications
SSF2301C SILIKRON-SSF2301C Datasheet
288Kb / 5P
PWM applications
SSF2307 SILIKRON-SSF2307 Datasheet
287Kb / 5P
PWM applications
SSF2369 SILIKRON-SSF2369 Datasheet
293Kb / 5P
PWM applications
SSF3610 SILIKRON-SSF3610 Datasheet
404Kb / 7P
PWM applications
SSF3612 SILIKRON-SSF3612 Datasheet
441Kb / 7P
PWM applications
SSF4414 SILIKRON-SSF4414 Datasheet
399Kb / 5P
PWM applications
SSF3324 SILIKRON-SSF3324 Datasheet
242Kb / 5P
PWM applications
SSF3420 SILIKRON-SSF3420 Datasheet
367Kb / 7P
PWM applications
SSF3428 SILIKRON-SSF3428 Datasheet
294Kb / 7P
PWM applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com