Electronic Components Datasheet Search
  English  ▼

X  

SSF7510 Datasheet(PDF) 1 Page - Silikron Semiconductor Co.,LTD.

Part # SSF7510
Description  Power switching application
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF7510 Datasheet(HTML) 1 Page - Silikron Semiconductor Co.,LTD.

  SSF7510 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF7510 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF7510 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF7510 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF7510 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©Silikron Semiconductor CO.,LTD.
2008.8.1
Version : 1.0
page
1of5
SSF7510
Absolute Maximum Ratings
Parameter
Max.
Units
ID@Tc=25ْC
Continuous drain current,VGS@10V
75
ID@Tc=100ْC
Continuous drain current,VGS@10V
70
IDM
Pulsed drain current ①
300
A
PD@TC=25ْC
Power dissipation
150
W
Linear derating factor
2.0
W/ْC
VGS
Gate-to-Source voltage
±20
V
dv/dt
Peak diode recovery voltage
31
v/ns
EAS
Single pulse avalanche energy ②
480
mJ
EAR
Repetitive avalanche energy
TBD
TJ
TSTG
Operating Junction and
Storage Temperature Range
–55 to +150
ْC
Thermal Resistance
Parameter
Min.
Typ.
Max.
Units
RθJC
Junction-to-case
—
0.83
—
RθJA
Junction-to-ambient
—
—
62
ْC/W
Electrical Characteristics @TJ=25 ْC(unless otherwise specified)
Parameter
Min.
Typ.
Max. Units
Test Conditions
BVDSS
Drain-to-Source breakdown voltage
75
—
—
V
VGS=0V,ID=250μA
RDS(on)
Static Drain-to-Source on-resistance
—
0.007
0.01
Ω
VGS=10V,ID=40A
VGS(th)
Gate threshold voltage
2.0
2.7
4.0
V
VDS=VGS,ID=250μA
gfs
Forward transconductance
-
58
—
S
VDS=5V,ID=30A
——
1
VDS=75V,VGS=0V
IDSS
Drain-to-Source leakage current
—
—
10
μA
VDS=75V,
VGS=0V,TJ=150ْC
IGSS
Gate-to-Source forward leakage
—
—
100
nA VGS=20V
SSF7510 TOP View (TO220)
ID=75A
BV=75V
Rdson=10mohm
Feathers:
Advanced trench process technology
Special designed for Convertors and power controls
High density cell design for ultra low Rdson
Fully characterized Avalanche voltage and current
Avalanche Energy 100% test
Description:
The SSF7510 is a new generation of middle voltage and
high current N–Channel enhancement mode trench power
MOSFET. This new technology increases the cell density
and reduces the on-resistance; its typical Rdson can reduce
to 6.8mohm.
Application:
Power switching application


Similar Part No. - SSF7510

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF7510 GOOD-ARK-SSF7510 Datasheet
1Mb / 7P
75V N-Channel MOSFET
SSF7510 GOOD-ARK-SSF7510_15 Datasheet
1Mb / 7P
75V N-Channel MOSFET
More results

Similar Description - SSF7510

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF6807 SILIKRON-SSF6807 Datasheet
339Kb / 5P
Power switching application
SSF6808 SILIKRON-SSF6808 Datasheet
340Kb / 5P
Power switching application
SSF7509 SILIKRON-SSF7509 Datasheet
359Kb / 5P
Power switching application
SSF1016 SILIKRON-SSF1016 Datasheet
338Kb / 5P
Power switching application
SSF1020 SILIKRON-SSF1020 Datasheet
335Kb / 5P
Power switching application
SSF5508 SILIKRON-SSF5508 Datasheet
313Kb / 5P
Power switching application
SSF6008 SILIKRON-SSF6008 Datasheet
339Kb / 5P
Power switching application
SSF6010 SILIKRON-SSF6010 Datasheet
298Kb / 5P
Power switching application
SSF6014 SILIKRON-SSF6014 Datasheet
298Kb / 5P
Power switching application
logo
Shenzhen Huazhimei Semi...
HM25N06Q HMSEMI-HM25N06Q Datasheet
681Kb / 6P
Power switching application
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com