Electronic Components Datasheet Search
  English  ▼

X  

SSF7510 Datasheet(PDF) 2 Page - Silikron Semiconductor Co.,LTD.

Part # SSF7510
Description  Power switching application
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF7510 Datasheet(HTML) 2 Page - Silikron Semiconductor Co.,LTD.

  SSF7510 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF7510 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF7510 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF7510 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF7510 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©Silikron Semiconductor CO.,LTD.
2008.8.1
Version : 1.0
page
2of5
SSF7510
Gate-to-Source reverse leakage
—
—
-100
VGS=-20V
Qg
Total gate charge
—
90
—
Qgs
Gate-to-Source charge
—
14
—
Qgd
Gate-to-Drain("Miller") charge
—
24
—
nC
ID=30A
VDD=30V
VGS=10V
td(on)
Turn-on delay time
—
18.2
—
tr
Rise time
—
15.6
—
td(off)
Turn-Off delay time
—
70.5
—
tf
Fall time
—
13.8
—
nS
VDD=30V
ID=2A ,RL=15Ω
RG=2.5Ω
VGS=10V
Ciss
Input capacitance
—
3150
—
Coss
Output capacitance
—
300
—
Crss
Reverse transfer capacitance
—
240
—
pF
VGS=0V
VDS=25V
f=1.0MHZ
Source-Drain Ratings and Characteristics
Parameter
Min.
Typ.
Max.
Units
Test Conditions
IS
Continuous Source Current
.
(Body Diode)
—
—
75
ISM
Pulsed Source Current
.
(Body Diode) ①
—
—
300
A
MOSFET symbol
showing the
integral reverse
p-n junction diode.
VSD
Diode Forward Voltage
—
—
1.3
V
TJ=25ْC,IS=40A,VGS=0V ③
trr
Reverse Recovery Time
-
57
—
nS
Qrr
Reverse Recovery Charge
-
107
—
nC
TJ=25ْC,IF=75A
di/dt=100A/μs ③
ton
Forward Turn-on Time
Intrinsic turn-on time is negligible (turn-on is dominated by Ls + LD)
Gate charge test circuit:
EAS test circuits:
BVdss
Notes:
①
Repetitive rating; pulse width limited by max junction temperature.
②
Test condition: L =0.3mH, ID = 57A, VDD = 47V
③
Pulse width≤300μS; duty cycle≤1.5% RG = 25ΩStarting TJ = 25°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com