Electronic Components Datasheet Search
  English  ▼

X  

3352 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 3352
Description  PJ-051 (WE310) Phone Plug To Alligator Clips
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

3352 Datasheet(HTML) 1 Page - Pomona Electronics

  3352 Datasheet HTML 1Page - Pomona Electronics 3352 Datasheet HTML 2Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pomona
®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
9/31/07
D1094024
www.pomonaelectronics.com
Rev. 100
Page 1 of 2
Model 3352 & 3352N
PJ-051 (WE310) Phone
Plug To Alligator Clips
Sales: 800-490-2361 Fax: 425-446-5844
Technical Support: technicalsupport@pomonatest.com
FEATURES:
•
Converts WE310 (PJ-051) Female into
Alligator clips.
•
Length other than those specified are
available on request.
MATERIALS:
Conn: 1
st End – PJ-051 Phone Plug
Material: Body – Brass
Handle – Nylon. Color: Red.
Cable:
2 Cond. Twisted Pair – 18 AWG stranding
65 X 36 t.c., Vinyl insulation.
Marking “POMONA 3352-A-*”. Color: Gray
Breakout: PVC molded to breakout leads and cable.
Color matches color of cable.
Breakout Leads:
20 AWG stranding 41 X 36 t.c., PVC insulated,
2.21 (.087) O.D. Color matches color of
insulator.
Conn: 2
nd End – Insulated Alligator Clips
Material: Steel
Finish: Nickel plated. Insulation: Vinyl.
Color: Black and red.
RATINGS:
Operating Temperature: +50° C (+122° F) Max.
Operating Voltage: 150VRMS/DC
Current: 5 Amperes
ORDERING INFORMATION:
Model 3352-A-XX
XX=Cable Length, Standard Length: 60” (1524
mm)
Ordering Example: 3352-A-60 (1524 mm)


Similar Part No. - 3352

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3352 BOURNS-3352 Datasheet
93Kb / 1P
3/8 Round Trimming Potentiometer
logo
List of Unclassifed Man...
3352 ETC2-3352 Datasheet
113Kb / 2P
FLAT WASHERS NYLON FIBRE
3352 ETC2-3352 Datasheet
68Kb / 1P
WASHERS
3352 ETC-3352 Datasheet
100Kb / 1P
Heyco짰 Nylon Cable Clamps
logo
Heyco.
3352 HEYCO-3352 Datasheet
84Kb / 1P
Nylon Cable Clamps
More results

Similar Description - 3352

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3027 POMONA-3027 Datasheet
23Kb / 1P
Minature Double Banana Plug To Miniature Alligator Clips
5026 POMONA-5026 Datasheet
42Kb / 1P
Bantam Plug (Miniature Phone Plug) To Alligator Clips
logo
Pasternack Enterprises,...
PE3164 PASTERNACK-PE3164 Datasheet
116Kb / 1P
CABLE ASSEMBLY RG223/U ALLIGATOR CLIPS TO DOUBLE BANANA PLUG
PE9900 PASTERNACK-PE9900 Datasheet
109Kb / 1P
BREAKOUT, BNC MALE TO STANDARD ALLIGATOR CLIPS
PE9909 PASTERNACK-PE9909 Datasheet
109Kb / 1P
BREAKOUT, BNC FEMALE TO STADARD ALLIGATOR CLIPS
PE9910 PASTERNACK-PE9910 Datasheet
109Kb / 1P
BREAKOUT, BNC FEMALE TO MINIATURE ALLIGATOR CLIPS
logo
Pomona Electronics
5026N-60 POMONA-5026N-60 Datasheet
42Kb / 1P
Bantam Plug (Miniature Phone Plug) To Alligator Clips
logo
List of Unclassifed Man...
BU-60PR2 ETC2-BU-60PR2 Datasheet
49Kb / 1P
Phone Tip Alligator Clip
BU-72-0 ETC2-BU-72-0 Datasheet
1Mb / 1P
Insulator for Alligator Clips
logo
Extech Instruments Corp...
TL806 EXTECH-TL806_15 Datasheet
230Kb / 1P
Alligator Clips
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com