Electronic Components Datasheet Search
  English  ▼

X  

3352 Datasheet(PDF) 2 Page - Pomona Electronics

Part # 3352
Description  PJ-051 (WE310) Phone Plug To Alligator Clips
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

3352 Datasheet(HTML) 2 Page - Pomona Electronics

  3352 Datasheet HTML 1Page - Pomona Electronics 3352 Datasheet HTML 2Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Pomona
®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
9/31/07
D1094024
www.pomonaelectronics.com
Rev. 100
Page 2 of 2
Model 3352 & 3352N
PJ-051 (WE310) Phone
Plug To Alligator Clips
Sales: 800-490-2361 Fax: 425-446-5844
Technical Support: technicalsupport@pomonatest.com
FEATURES:
•
Shielded cable to reduce noise
•
Provides quick access from WE-310 jack to terminals
•
WE-310 Plug molded to the cable to provide optimum durability
MATERIALS:
Plug – Nickel plated brass
Cable – 2 Conductor shielded twisted pair, PVC jacket and insulation
Breakout – Molded
Alligator – Nickel plated steel, Insulator - vinyl
RATINGS:
Operating Voltage – 150 VRMS
Operating Temperature - 122°F (50°C)
ORDERING INFORMATION: Model 3352N-A-XX
XX = Cable Length, Standard Length: 60” (1524 mm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com