Electronic Components Datasheet Search
  English  ▼

X  

NJM2516VC3 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM2516VC3
Description  47關F AC-Coupling Capacitor Wide Band 3ch Video Driver with LPF
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2516VC3 Datasheet(HTML) 2 Page - New Japan Radio

  NJM2516VC3 Datasheet HTML 1Page - New Japan Radio NJM2516VC3 Datasheet HTML 2Page - New Japan Radio NJM2516VC3 Datasheet HTML 3Page - New Japan Radio NJM2516VC3 Datasheet HTML 4Page - New Japan Radio NJM2516VC3 Datasheet HTML 5Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NJM2516
Ver.0.4
-2 -
s
s
s
sABSOLUTE MAXIMUM RATINGS
(Ta=25
°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V
+
10
V
Power Dissipation
PD
1500(Note1)
mW
Operating Temperature Range
Topr
-40 to +85
°C
Storage Temperature Range
Tstg
-40 to +150
°C
(Note1) At on a board of EIA/JEDEC specification. (114.3 x 76.2 x 1.6mm, 4 layers, FR-4)
s
s
s
sRECCOMENDED OPERATING CONDITIONS
(Ta=25
°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Operating voltage
Vopr
V
+
4.5
-
9.5
V
s
s
s
sELECTRICAL CHRACTERISTCS
(V
+ =5V, RL=150Ω,Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Supply Current
ICC
No signal
-
40
60
mA
Supply Current
at Power Save Mode
Isave
Power save mode, No signal
-
0.8
1.4
mA
Maximum Output Level
Vom
Vin=100kHz,sin-signal,THD=1%
2.4
-
-
Vp-p
Voltage Gain
Gv
Vin=1MHz, 1.0Vp-p sin-signal
5.5
6.0
6.5
dB
Difference of Voltage Gain
Between Input Terminals
∆GvI
Vin=1MHz, 1.0Vp-p sin-signal
-0.25
0
+0.25
dB
GfSD13.5M Vin=13.5MHz/1MHz,1.0Vp-p sin-signal
-1.0
0
1.0
dB
LPF Characteristics 1
GfSD54M
Vin=54MHz/1MHz,1.0Vp-p sin-signal
-
-40.0
-24.0
dB
GfHD30M
Vin=30MHz/1MHz,1.0Vp-p sin-signal
-2.0
dB
LPF Characteristics 2
GfHD74M
Vin=74MHz/1MHz,1.0Vp-p sin-signal
-
-40.0
-24.0
dB
Differential Gain
DG
YIN=1.0Vp-p, PBIN,PRIN=0.7Vp-p,
10step video signal
-
0.5
-
%
Differential Phase
DP
YIN=1.0Vp-p, PBIN,PRIN=0.7Vp-p,
10step video signal
-
0.3
-
deg
S/N Ratio
SN
YIN=1.0Vp-p, PBIN,PRIN=0.7Vp-p,
white video signal,
BW=100kHz to 6MHz,RL=75
Ω
-
80
-
dB
SW Voltage High Level
VthH
Active
2.5
-
V
+
V
SW Voltage Low Level
VthL
Non-Active
0
-
1.0
V
SW Sink Current High Level
IthH
V=5V
-
-
120
µA
SW Sink Current Low Level
IthL
V=0.3V
-
-
8.0
µA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com