Electronic Components Datasheet Search
  English  ▼

X  

NJM2516VC3 Datasheet(PDF) 3 Page - New Japan Radio

Part # NJM2516VC3
Description  47關F AC-Coupling Capacitor Wide Band 3ch Video Driver with LPF
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2516VC3 Datasheet(HTML) 3 Page - New Japan Radio

  NJM2516VC3 Datasheet HTML 1Page - New Japan Radio NJM2516VC3 Datasheet HTML 2Page - New Japan Radio NJM2516VC3 Datasheet HTML 3Page - New Japan Radio NJM2516VC3 Datasheet HTML 4Page - New Japan Radio NJM2516VC3 Datasheet HTML 5Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Ver 0.4
-3 -
NJM2516
s
s
s
sCONTROL CHRACTERISTC
PARAMETER
STATUS
MODE
H
Power save: OFF Active mode
L
Power save: ON Non-Active mode (Mute)
Power Save
OPEN
Power save: ON Non-Active mode (Mute)
H
30MHz LPF
L
13.5MHz LPF
LPF
OPEN
13.5MHz LPF
s
s
s
sPIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1. YIN
11. PROUT
2. PBIN
12. GND2
3. PRIN
13. PBOUT
4. SREFPB
14. LPFSW
5. PBSAG
15. YOUT
6. SSIGPB
16. V
+
7. GND1
17. PS
8. SREFPR
18. SSIGY
9. PRSAG
19. YSAG
10. SSIGPR
20. SREFY



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com