Electronic Components Datasheet Search
  English  ▼

X  

2SC5374A Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC5374A
Description  NPN Epitaxial Planar Silicon Transistor VHF to UHF Band OSC, High-Frequency Amplifier Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5374A Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC5374A Datasheet HTML 1Page - Sanyo Semicon Device 2SC5374A Datasheet HTML 2Page - Sanyo Semicon Device 2SC5374A Datasheet HTML 3Page - Sanyo Semicon Device 2SC5374A Datasheet HTML 4Page - Sanyo Semicon Device 2SC5374A Datasheet HTML 5Page - Sanyo Semicon Device 2SC5374A Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SC5374A
No. A1090-1/6
Features
•
High gain
:
⏐S21e⏐
2=10.5dB typ (f=1GHz).
•
High cut-off frequency : fT=5.2GHz typ.
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
20
V
Collector-to-Emitter Voltage
VCEO
10
V
Emitter-to-Base Voltage
VEBO
2V
Collector Current
IC
100
mA
Collector Dissipation
PC
100
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=10V, IE=0A
1.0
μA
Emitter Cutoff Current
IEBO
VEB=1V, IC=0A
10
μA
DC Current Gain
hFE1VCE=3V, IC=7mA
110
180
hFE2VCE=3V, IC=30mA
100
Gain-Bandwidth Product
fT
VCE=3V, IC=7mA
3
5.2
GHz
Output Capacitance
Cob
VCB=3V, f=1MHz
1.0
1.5
pF
Reverse Transfer Capacitance
Cre
VCB=3V, f=1MHz
0.7
pF
Forward Transfer Gain
⏐S21e⏐
2
VCE=3V, IC=7mA, f=1GHz
8
10.5
dB
Noise Figure
NF
VCE=3V, IC=7mA, f=1GHz
1.4
2.5
dB
Marking : NA
SANYO Semiconductors
DATA SHEET
www.semiconductor-sanyo.com/network
Ordering number : ENA1090
O2809AB TK IM TC-00002118
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
2SC5374A
NPN Epitaxial Planar Silicon Transistor
VHF to UHF Band OSC,
High-Frequency Amplifier Applications


Similar Part No. - 2SC5374A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SC5374A ONSEMI-2SC5374A Datasheet
528Kb / 8P
RF Transistor 10V, 100mA, fT=5.2GHz, NPN Single SMCP
August, 2013
2SC5374A-TL-E ONSEMI-2SC5374A-TL-E Datasheet
528Kb / 8P
RF Transistor 10V, 100mA, fT=5.2GHz, NPN Single SMCP
August, 2013
logo
Sanyo Semicon Device
2SC5374A SANYO-2SC5374A_12 Datasheet
534Kb / 8P
VHF to UHF Band OSC, High-Frequency Amplifi er Applications
More results

Similar Description - 2SC5374A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5374 SANYO-2SC5374 Datasheet
134Kb / 5P
VHF to UHF Band OSC, High-Frequency Amp Applications
2SC5375 SANYO-2SC5375 Datasheet
134Kb / 5P
VHF to UHF Band OSC, High-Frequency Amp Applications?
2SC5538 SANYO-2SC5538 Datasheet
36Kb / 4P
VHF to UHF OSC, High-Frequency Amplifier Applications
2SC5375A SANYO-2SC5375A Datasheet
61Kb / 6P
NPN Epitaxial Planar Silicon Transistor VHF to UHF Band OSC, High-Frequency Amplifier Applications
2SC5538A SANYO-2SC5538A Datasheet
54Kb / 5P
NPN Epitaxial Planar Silicon Transistor VHF to UHF Band OSC, High-Frequency Amplifier Applications
2SC5539A SANYO-2SC5539A Datasheet
57Kb / 6P
NPN Epitaxial Planar Silicon Transistor NPN Epitaxial Planar Silicon Transistor VHF to UHF Low-Noise Amplifier and OSC Applications
15GN01CA SANYO-15GN01CA Datasheet
53Kb / 5P
NPN Epitaxial Planar Silicon Transistor VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifier Applications
15GN01FA SANYO-15GN01FA Datasheet
54Kb / 5P
NPN Epitaxial Planar Silicon Transistor VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifier Applications
15GN01SA SANYO-15GN01SA Datasheet
54Kb / 5P
NPN Epitaxial Planar Silicon Transistor VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifier Applications
15GN01NA SANYO-15GN01NA Datasheet
54Kb / 5P
NPN Epitaxial Planar Silicon Transistor VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifier Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com