Electronic Components Datasheet Search
  English  ▼

X  

2SC5374A Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC5374A
Description  NPN Epitaxial Planar Silicon Transistor VHF to UHF Band OSC, High-Frequency Amplifier Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5374A Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC5374A Datasheet HTML 1Page - Sanyo Semicon Device 2SC5374A Datasheet HTML 2Page - Sanyo Semicon Device 2SC5374A Datasheet HTML 3Page - Sanyo Semicon Device 2SC5374A Datasheet HTML 4Page - Sanyo Semicon Device 2SC5374A Datasheet HTML 5Page - Sanyo Semicon Device 2SC5374A Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SC5374A
No. A1090-2/6
Package Dimensions
Marking
unit : mm (typ)
7027-002
3
1
2
1.6
0.8
0.4
0.4
0.1 MIN
1 : Base
2 : Emitter
3 : Collector
SANYO : SMCP
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
hFE -- IC
Collector Current, IC -- mA
fT -- IC
Collector Current, IC -- mA
100
ITR08170
3
5
3
2
1.0
7
3
5
72
2
10
5
7 100
3
5
7
7
5
2
3
VCE=3V
ITR08171
3
7
1.0
77
10
53
5
22
7
10
1.0
5
7
5
2
3
2
VCE=3V
f=1GHz
ITR08168
IB=0μA
160μA
180μA
200μA
140μA
120
μA
100
μA
20
μA
40
μA
60
μA
80
μA
0
1
2
3
45
67
8
9
10
0
5
10
15
20
25
30
35
0
0.2
0.4
0.6
0.8
1.0
1.2
0
4
8
16
20
24
28
32
12
VCE=3V
ITR08169
1 : Base
2 : Emitter
3 : Collector
Top view
1
3
2
NA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com