Electronic Components Datasheet Search
  English  ▼

X  

IMX35 Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Industrial and Consumer Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button IMX35_1 Datasheet HTML 45Page - Freescale Semiconductor, Inc IMX35_1 Datasheet HTML 46Page - Freescale Semiconductor, Inc IMX35_1 Datasheet HTML 47Page - Freescale Semiconductor, Inc IMX35_1 Datasheet HTML 48Page - Freescale Semiconductor, Inc IMX35_1 Datasheet HTML 49Page - Freescale Semiconductor, Inc IMX35_1 Datasheet HTML 50Page - Freescale Semiconductor, Inc IMX35_1 Datasheet HTML 51Page - Freescale Semiconductor, Inc IMX35_1 Datasheet HTML 52Page - Freescale Semiconductor, Inc IMX35_1 Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 148 page
background image
i.MX35 Applications Processors for Industrial and Consumer Products, Rev. 6
Freescale Semiconductor
49
NOTE
SDR SDRAM CLK parameters are measured from the 50% point—that is,
“high” is defined as 50% of signal value and “low” is defined as 50% of
signal value.
The timing parameters are similar to the ones used in SDRAM data sheets.
Table 34 indicates SDRAM requirements. All output signals are driven by
the ESDCTL at the negative edge of SDCLK, and the parameters are
measured at maximum memory frequency.
Figure 30. SDRAM Self-Refresh Cycle Timing Diagram
SD7
Address hold time
tAH
1.8
—
ns
SD10
Precharge cycle period1
tRP
1
4
clock
SD11
Auto precharge command period1
tRC
2
20
clock
1 SD10 and SD11 are determined by SDRAM controller register settings.
Table 34. SDRAM Refresh Timing Parameters (continued)
ID
Parameter
Symbol
Min.
Max.
Unit
SDCLK
CS
CAS
RAS
ADDR
BA
WE
CKE
Don’t care
SD16
SD16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com