Electronic Components Datasheet Search
  English  ▼

X  

IMX35 Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Industrial and Consumer Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button IMX35_1 Datasheet HTML 70Page - Freescale Semiconductor, Inc IMX35_1 Datasheet HTML 71Page - Freescale Semiconductor, Inc IMX35_1 Datasheet HTML 72Page - Freescale Semiconductor, Inc IMX35_1 Datasheet HTML 73Page - Freescale Semiconductor, Inc IMX35_1 Datasheet HTML 74Page - Freescale Semiconductor, Inc IMX35_1 Datasheet HTML 75Page - Freescale Semiconductor, Inc IMX35_1 Datasheet HTML 76Page - Freescale Semiconductor, Inc IMX35_1 Datasheet HTML 77Page - Freescale Semiconductor, Inc IMX35_1 Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 148 page
background image
i.MX35 Applications Processors for Industrial and Consumer Products, Rev. 6
Freescale Semiconductor
74
4.9.13.3
Synchronous Interface to Dual-Port Smart Displays
Functionality and electrical characteristics of the synchronous interface to dual-port smart displays are
identical to parameters of the synchronous interface. See Section 4.9.13.1.5, “Interface to Active Matrix
TFT LCD Panels, Electrical Characteristics.”
4.9.13.3.6
Interface to a TV Encoder—Functional Description
The interface has an 8-bit data bus, transferring a single 8-bit value (Y/U/V) in each cycle. The bits
D7–D0 of the value are mapped to bits LD17–LD10 of the data bus, respectively. Figure 53 depicts the
interface timing.
•
The frequency of the clock DISPB_D3_CLK is 27 MHz.
•
The DISPB_D3_HSYNC, DISPB_D3_VSYNC and DISPB_D3_DRDY signals are active low.
•
The transition to the next row is marked by the negative edge of the DISPB_D3_HSYNC signal.
It remains low for a single clock cycle.
•
The transition to the next field/frame is marked by the negative edge of the DISPB_D3_VSYNC
signal. It remains low for at least one clock cycle.
— At a transition to an odd field (of the next frame), the negative edges of DISPB_D3_VSYNC
and DISPB_D3_HSYNC coincide.
— At a transition to an even field (of the same frame), they do not coincide.
•
The active intervals—during which data is transferred—are marked by the DISPB_D3_HSYNC
signal being high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com