Electronic Components Datasheet Search
  English  ▼

X  

NJU6010 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJU6010
Description  24 keys input key-scan IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU6010 Datasheet(HTML) 2 Page - New Japan Radio

  NJU6010 Datasheet HTML 1Page - New Japan Radio NJU6010 Datasheet HTML 2Page - New Japan Radio NJU6010 Datasheet HTML 3Page - New Japan Radio NJU6010 Datasheet HTML 4Page - New Japan Radio NJU6010 Datasheet HTML 5Page - New Japan Radio NJU6010 Datasheet HTML 6Page - New Japan Radio NJU6010 Datasheet HTML 7Page - New Japan Radio NJU6010 Datasheet HTML 8Page - New Japan Radio NJU6010 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
NJU6010
Ver.2009-08-20
- 2 -
Preliminary
!
TERMINAL DESCRIPTION
No.
SYMBOL
FUNCTION
1
TEST
Oscillation Circuit Test Terminal
2
CSb
Data output is available by "L".
3
SCL
Serial Clock Input Terminal
4
DATA
Serial Data Output Terminal (This terminal outputs both the serial data
and REQ signals.)
CSb=”H” : Request signal output, CSb=”L” : Key data output
5 ~ 8
S0 ~ S3
Key Scanning Output Terminals
9
VSS
GND Terminal
10 ~ 15
K0 ~ K5
Key Scanning Input Terminals
16
VDD
Power Source Terminal
! FUNCTIONAL DESCRIPTION
(1) Description for Each Blocks
•
Serial I/F
The Serial I/F operates control of output signal.
•
Power ON Reset Circuit
The Power ON Reset Circuit initializes the key register automatically at Power ON.
•
Key-scan Circuit
When the key pressed, the Key-scan Circuit output the request signal from DATA terminal. The key data is
kept in the key register until CPU starts reading key data.
•
Key Register
The Key Register keeps the read key data.
•
Oscillation Circuit
The oscillation circuit is built-in.
(2) Key-scan Circuit
The Key-scan Circuit consists of a detector block of key pressing (S0~S3) and a fetching block of key
status (K0~K5). The Key-scan Circuit connects the 4x6 key-matrix and reads the data of 24 keys
maximum as shown in Fig1. Furthermore, it operates correctly against the multiple key inputs.
(Conditional)
Fig. 1 Key-scan Matrix
S3
S0
S1
S2
K4 K3
K0
K1
K2
K5
NJU6010
KEY
ON
OFF
SW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com