Electronic Components Datasheet Search
  English  ▼

X  

NJU6010 Datasheet(PDF) 4 Page - New Japan Radio

Part # NJU6010
Description  24 keys input key-scan IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU6010 Datasheet(HTML) 4 Page - New Japan Radio

  NJU6010 Datasheet HTML 1Page - New Japan Radio NJU6010 Datasheet HTML 2Page - New Japan Radio NJU6010 Datasheet HTML 3Page - New Japan Radio NJU6010 Datasheet HTML 4Page - New Japan Radio NJU6010 Datasheet HTML 5Page - New Japan Radio NJU6010 Datasheet HTML 6Page - New Japan Radio NJU6010 Datasheet HTML 7Page - New Japan Radio NJU6010 Datasheet HTML 8Page - New Japan Radio NJU6010 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
NJU6010
Ver.2009-08-20
- 4 -
Preliminary
(2-2) Method of Checking the key
The method of checking the key judges the key pressed by fetching the key scanning output signal
(S0~S3) with terminal K0~K5 (Refer to Fig. 2). S0~S3 are fixed at "L" level usually. K0~K5 are input
terminals in the state of the pull-up.
When the key between S1 and K0 is pressed as an example, the K0 is changed from "H" to "L" (Refer
to Fig. 3). NJU6010 detects the pressed key by the change in this K0 signal. And which key was pressed
is checked, the key-scan signal is output from S0~S3 (Refer to Fig. 4).
The scan signal of S1 is input to the terminal K0 by this scan operation (Dot-line in Fig. 3). As a result,
NJU6010 is checked as the key was pressed between S1 and K0.
Fig. 3 Key-scan Checking (Example 1)
Fig. 4 Key-scan Checking (Example 2)
S3
S0
S1
S2
K4 K3
K0
K1
K2
K5
NJU6010
KEY
ON
OFF
SW
0
0
1
1
2
2
3
3
Key input
S0
S1
S2
S3
DATA
Key data fixed
KEY
CSb
K0
1
1
K1~K5
(Pull-up)
Key-scan
Key checking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com