Electronic Components Datasheet Search
  English  ▼

X  

1SS422 Datasheet(PDF) 3 Page - PACELEADER INDUSTRIAL

Part # 1SS422
Description  Hiiigh Speed SWIIITCHIIING Diiiodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

1SS422 Datasheet(HTML) 3 Page - PACELEADER INDUSTRIAL

  1SS422 Datasheet HTML 1Page - PACELEADER INDUSTRIAL 1SS422 Datasheet HTML 2Page - PACELEADER INDUSTRIAL 1SS422 Datasheet HTML 3Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1SS422
High Speed SWITCHING Diodes
High Speed SWITCHING Diodes
High Speed SWITCHING Diodes
SC-79/SOD-523
A
D
E bp
V MA
scale
0.5
1mm
0
A
C
HE
OUTLINE
VERSION
REFERENCES
EUROPEAN
PROJECTION
DIMENSIONS (mm are the original dimensions)
UNIT
A
b p
cD
E
H E
V
mm
0.7
0.35
0.2
1.3
0.9
1.7
0.15
0.5
0.25
0.1
1.1
0.7
1.5
Note
1. The marking bar indicates the cathode.
ISSUE DATE
IEC
 JEDEC
EIAJ
SOD523
SC-79
98-11-25
www.paceleader.tw
3
SOD–523
A X
2
ANODE
1
CATHODE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com