Electronic Components Datasheet Search
  English  ▼

X  

1SS422 Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # 1SS422
Description  Hiiigh Speed SWIIITCHIIING Diiiodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

1SS422 Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  1SS422 Datasheet HTML 1Page - PACELEADER INDUSTRIAL 1SS422 Datasheet HTML 2Page - PACELEADER INDUSTRIAL 1SS422 Datasheet HTML 3Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
FEATURES
APPLICATIONS
www.paceleader.tw
o
MAXIMUM RATING (TA=25 C unless otherwise noted)
o
ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted)
High Speed Switching
Small suface mounting type
High Speed
High reliability with high surge current handing capability
.028(0.70)
.035(0.90)
.003(0.07)
.008(0.20)
.012(0.50)
.028(0.70)
.0098(0.25)
.014(0.35)
.006(0.15)
.0098(0.25)
.043(1.10)
.051(1.30)
.059(1.50)
.067(1.70)
SOD-523
1
2
1SS422
High Speed SWITCHING Diodes
High Speed SWITCHING Diodes
High Speed SWITCHING Diodes
Parameter
Symbol
Limits
Unit
Peak reverse voltage
VRM
100
V
DC reverse voltage
VR
85
V
Peak forward current
IFM
500
mA
Mean rectifying current
IO
150
mA
Junction temperature
Tj
125
℃
Storage temperature
Tstg
-55~+125
℃
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Forward voltage
VF
1.2
V
IF=150mA
Reverse current
IR
0.1
µA
VR=85V
Capacitance between terminals
CT
3.0
pF
VR=0.5V, f=1MHZ
Reverse recovery time
trr
4
ns
VR=6V,IF=10mA,RL=100Ω


Similar Part No. - 1SS422

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
1SS422 JIANGSU-1SS422 Datasheet
73Kb / 2P
High Speed SWITCHING Diodes
logo
Tak Cheong Electronics ...
1SS422 TAK_CHEONG-1SS422 Datasheet
185Kb / 5P
200mW SOD-523 SURFACE MOUNT High Speed Switching Diode
logo
TRANSYS Electronics Lim...
1SS422 TEL-1SS422 Datasheet
100Kb / 2P
Plastic-Encapsulated Diodes
logo
Toshiba Semiconductor
1SS422 TOSHIBA-1SS422 Datasheet
140Kb / 3P
High-Speed Switching Applications
logo
Galaxy Semi-Conductor H...
1SS422 BILIN-1SS422 Datasheet
173Kb / 3P
High speed Switching Diode
Rev.A
More results

Similar Description - 1SS422

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5833AF NPC-SM5833AF Datasheet
340Kb / 11P
High-speed, 16-bit High-speed Advanced Adder
logo
Formosa MS
CDSS355 FORMOSA-CDSS355 Datasheet
76Kb / 2P
High Speed
logo
Siemens Semiconductor G...
TCA955 SIEMENS-TCA955 Datasheet
173Kb / 5P
SPEED CONTROLLER
logo
Agere Systems
USS810 AGERE-USS810 Datasheet
238Kb / 14P
USB 2.0 Full-Speed/Low-Speed Transceiver
Rev. 6 March 2006
logo
Infineon Technologies A...
BTS247Z INFINEON-BTS247Z_09 Datasheet
312Kb / 14P
Speed TEMPFET
Rev.1.3, 2009-12-04
BTS244Z INFINEON-BTS244Z_09 Datasheet
421Kb / 14P
Speed TEMPFET
Rev.1.3, 2009-12-04
BTS282Z INFINEON-BTS282Z_09 Datasheet
408Kb / 14P
Speed TEMPFET
Rev.1.2, 2009-07-31
logo
Integrated Device Techn...
IDT7006SL IDT-IDT7006SL Datasheet
188Kb / 20P
HIGH-SPEED HIGH-SPEED STATIC RAM
logo
Willow Technologies Ltd
641 WILLOW-641 Datasheet
521Kb / 2P
Fast Switching Speed Where speed is important
logo
New Jersey Semi-Conduct...
GSRU15030 NJSEMI-GSRU15030 Datasheet
84Kb / 1P
Hlgh Speed
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com