Electronic Components Datasheet Search
  English  ▼

X  

UB1111C Datasheet(PDF) 4 Page - STANLEY ELECTRIC CO.,LTD.

Part # UB1111C
Description  Single Color Ultra High Brightness Type
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

UB1111C Datasheet(HTML) 4 Page - STANLEY ELECTRIC CO.,LTD.

  UB1111C Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. UB1111C Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. UB1111C Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. UB1111C Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. UB1111C Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. UB1111C Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. UB1111C Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. UB1111C Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. UB1111C Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
2009.10.30
Page 4
Electro-Optical Characteristics(SB,SG)
Single Color Ultra High Brightness Type
1111C Series
Conditions
UB
UC
UG
TYP.
3.4
3.4
3.4
MAX.
3.9
3.9
3.9
Reverse Current
VR=5V
IR
MAX.
100
100
100
μA
Peak Wavelength
IF=10mA
λp
TYP.
465
502
522
nm
Dominant
Wavelength
IF=10mA
λd
TYP.
470
508
530
nm
Spectral Line Half
Width
IF=10mA
⊿ λ
TYP.
26
30
35
nm
150(
θx) 150(θx) 150(θx)
165(
θy) 165(θy) 165(θy)
Item
Symbol
Unit
Forward Voltage
IF=10mA
VF
V
Characteristics
deg.
Half Intensity
Angle
※
IF=10mA
2
θ1/2
TYP.
(Ta=25℃)
Conditions
SB
SG
TYP.
2.9
3.0
MAX.
3.2
3.2
Reverse Current
VR=5V
IR
MAX.
100
100
μA
Peak Wavelength
IF=5mA
λp
TYP.
465
525
nm
Dominant
Wavelength
IF=5mA
λd
TYP.
470
530
nm
Spectral Line Half
Width
IF=5mA
⊿ λ
TYP.
15
30
nm
150(
θx) 150(θx)
150(
θy) 150(θy)
deg.
Half Intensity
Angle
※
IF=5mA
2
θ1/2
TYP.
Item
Symbol
Unit
Forward Voltage
IF=5mA
VF
V
Characteristics
Electro-Optical Characteristics(UB,UC,UG)
(Ta=25℃)
※ θx:Product long side axis,θy:Product short side axis
※ θx:Product long side axis,θy:Product short side axis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com