Electronic Components Datasheet Search
  English  ▼

X  

UB1111C Datasheet(PDF) 3 Page - STANLEY ELECTRIC CO.,LTD.

Part # UB1111C
Description  Single Color Ultra High Brightness Type
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

UB1111C Datasheet(HTML) 3 Page - STANLEY ELECTRIC CO.,LTD.

  UB1111C Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. UB1111C Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. UB1111C Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. UB1111C Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. UB1111C Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. UB1111C Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. UB1111C Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. UB1111C Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. UB1111C Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
2009.10.30
Page 3
Absolute Maximum Ratings
SB
SG
UB
UC
UG
UY
UR
Power Dissipation
Pd
55
78
78
78
78
87
87
mW
Forward Current
IF
15
20
20
20
20
30
30
mA
Pulse Forward
Current
※ 1
IFRM
48
48
48
48
48
100
100
mA
⊿ IF
0.20
0.26
0.28
0.28
0.28
0.43
0.43
mA/
℃
⊿ IFRM
0.64
0.64
0.69
0.69
0.69
1
1
mA/
℃
Reverse Voltage
VR
5
5
5
5
5
5
5
V
Operating
Temperature
Topr
℃
Storage
Temperature
Tstg
℃
Item
Symbol
Unit
Derating
(Ta=25
℃ or higher)
Absolute Maximum Ratings
-40
∼ +85
-40
∼ +100
Single Color Ultra High Brightness Type
1111C Series
※1 IFRMMeasurement condition : Pulse Width≦1ms., Duty≦1/20. (UY,UR : Duty≦1/10)
(Ta=25℃)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com