Electronic Components Datasheet Search
  English  ▼

X  

VLW1148LS Datasheet(PDF) 7 Page - STANLEY ELECTRIC CO.,LTD.

Part # VLW1148LS
Description  PLCC-2 Type White LED (High Reliability type, White V-Series)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

VLW1148LS Datasheet(HTML) 7 Page - STANLEY ELECTRIC CO.,LTD.

Back Button VLW1148LS Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. VLW1148LS Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. VLW1148LS Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. VLW1148LS Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. VLW1148LS Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. VLW1148LS Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. VLW1148LS Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. VLW1148LS Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. VLW1148LS Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Technical Data
Page 7
VLW1148LS
PLCC-2 Type White LED
2006.10.30
(High Reliability type, White V-Series)
Spatial Distribution Example
Condition : Ta = 25℃
Spectral Distribution
Relative Intensity vs. Wavelength
Condition : Ta = 25℃, I
F = 10mA
Wavelength [nm]
Forward Voltage vs. Forward Current
Condition : Ta = -40℃~85℃
Forward Voltage V
F(V)
Forward Current vs. Relative Intensity
Condition : Ta = 25℃
Forward Current I
F(mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com