Electronic Components Datasheet Search
  English  ▼

X  

VLW1148LS Datasheet(PDF) 3 Page - STANLEY ELECTRIC CO.,LTD.

Part # VLW1148LS
Description  PLCC-2 Type White LED (High Reliability type, White V-Series)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

VLW1148LS Datasheet(HTML) 3 Page - STANLEY ELECTRIC CO.,LTD.

  VLW1148LS Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. VLW1148LS Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. VLW1148LS Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. VLW1148LS Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. VLW1148LS Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. VLW1148LS Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. VLW1148LS Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. VLW1148LS Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. VLW1148LS Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Page 3
Absolute Maximum Ratings
Power Dissipation
Pd
mW
Forward Current
IF
mA
Pulse Forward
Current
※ 1
IFRM
mA
⊿IF
mA/℃
⊿IFRM
mA/℃
Reverse Voltage
VR
V
Operating
Temperature
Topr
-40~+100
℃
Storage Temperature
Tstg
-40~+110
℃
Derating
(Ta=60℃ or higher)
2
5
Absolute Maximum Ratings
Item
Symbol
0.40
Unit
78
20
100
VLW1148LS
PLCC-2 Type White LED
2006.10.30
(High Reliability type, White V-Series)
(Ta=25℃)
※1 IFRM Measurement condition : Pulse Width≦1ms, Duty≦1/10
Thermal Characteristics
Item
Symbol Ratings
Unit
Junction
Temperature
(MAX.)
Tj
110
℃
Thermal Resistance
(TYP.)
(Junction/ ambient)
R(th j-a)
350
℃/W
Thermal Resistance
(TYP.)
(Junction/ Solder Point)
R(th j-s)
200
℃/W
※Rth(j-a) Measurement Condition / Substrate: FR4(t=1.6mm) Pattern Size: 16mm2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com