Electronic Components Datasheet Search
  English  ▼

X  

AWU6602 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # AWU6602
Description  HELP3TM Band 2 / WCDMA 3.4 V / 29 dBm Linear PA Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWU6602 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  AWU6602 Datasheet HTML 1Page - ANADIGICS, Inc AWU6602 Datasheet HTML 2Page - ANADIGICS, Inc AWU6602 Datasheet HTML 3Page - ANADIGICS, Inc AWU6602 Datasheet HTML 4Page - ANADIGICS, Inc AWU6602 Datasheet HTML 5Page - ANADIGICS, Inc AWU6602 Datasheet HTML 6Page - ANADIGICS, Inc AWU6602 Datasheet HTML 7Page - ANADIGICS, Inc AWU6602 Datasheet HTML 8Page - ANADIGICS, Inc AWU6602 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
10/2009
AWU6602
HELP3TM Band 2 / WCDMA
3.4 V / 29 dBm Linear PA Module
Data Sheet - Rev 2.0
M45 Package
10 Pin 3 mm x 3 mm x 1 mm
Surface Mount Module
Figure 1: Block Diagram
FEATURES
• HSPA Compliant
• InGaP HBT Technology
• Low Quiescent Current with only 2 Bias Modes
• Simpler Calibration
• HighEfficiency:(R99waveform)
39 % @ POUT = +29 dBm
19 % @ POUT = +17 dBm
• LowQuiescentCurrent:8mA
• LowLeakageCurrentinShutdownMode:<1µA
• InternalVoltageRegulator
• Integrated “daisy chainable” directional couplers
with CPLIN and CPLOUT Ports
• Optimized for a 50 Ω System
• LowProfileMiniatureSurfaceMountPackage
• RoHSCompliantPackage,260oC MSL-3
APPLICATIONS
• WCDMA/HSPA PCS-Band Wireless Handsets
andDataDevices
PRODUCT DESCRIPTION
TheAWU6602HELP3TM PAisa 3rdgenerationWCDMA
product for UMTS handsets. This PA incorporates
ANADIGICS’ HELP3TM technology to provide low
power consumption without the need for an external
voltage regulator.A “daisy chainable” directional
coupler is integrated in the module thus eliminating the
needofexternalcouplers.Thedeviceismanufactured
onanadvancedInGaPHBTMMICtechnologyoffering
state-of-the-art reliability, temperature stability, and
ruggedness. There are two selectable bias modes
that optimize efficiency for different output power
levels,andashutdownmodewithlowleakagecurrent,
which increases handset talk and standby time. The
self-contained 3 mm x 3 mm x 1 mm surface mount
package incorporates matching networks optimized for
outputpower,efficiency,andlinearityina50Ω system.
AWU6602
1
2
3
4
5
10
9
8
7
6
VBATT
RFIN
VMODE2 (N/C)
VMODE1
VEN
CPLOUT
GND
CPLIN
RFOUT
VCC
Bias Control
VoltageRegulation
CPL
GNDatSlug(pad)


Similar Part No. - AWU6602

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWU6601 ANADIGICS-AWU6601 Datasheet
622Kb / 14P
HELP3TM Band 1 / WCDMA / TD-SCDMA 3.4 V / 28.25 dBm Linear PA Module
Rev 2.0
AWU6601RM45P9 ANADIGICS-AWU6601RM45P9 Datasheet
622Kb / 14P
HELP3TM Band 1 / WCDMA / TD-SCDMA 3.4 V / 28.25 dBm Linear PA Module
Rev 2.0
AWU6601RM45Q7 ANADIGICS-AWU6601RM45Q7 Datasheet
622Kb / 14P
HELP3TM Band 1 / WCDMA / TD-SCDMA 3.4 V / 28.25 dBm Linear PA Module
Rev 2.0
AWU6604 ANADIGICS-AWU6604 Datasheet
565Kb / 13P
HELP3TM Band 4 & 9 WCDMA 3.4 V / 28.25 dBm Linear PA Module
Rev 2.0
AWU6604RM45P9 ANADIGICS-AWU6604RM45P9 Datasheet
565Kb / 13P
HELP3TM Band 4 & 9 WCDMA 3.4 V / 28.25 dBm Linear PA Module
Rev 2.0
More results

Similar Description - AWU6602

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6278 ANADIGICS-AWT6278 Datasheet
417Kb / 8P
HELP3TM PCS/WCDMA 3.4 V/29.5 dBm HSPA Linear Power Amplifier Module
11/2008
AWT6279 ANADIGICS-AWT6279 Datasheet
415Kb / 8P
HELP3TM IMT/WCDMA 3.4 V/28.5 dBm HSPA Linear Power Amplifier Module
11/2008
AWT6281 ANADIGICS-AWT6281 Datasheet
439Kb / 8P
HELP3TM 900 MHz/WCDMA 3.4 V/29 dBm HSPA Linear Power Amplifier Module
11/2008
AWT6282 ANADIGICS-AWT6282 Datasheet
421Kb / 8P
HELP3TM 1700/WCDMA 3.4 V/28.5 dBm HSPA Linear Power Amplifier Module
11/2008
AWT6272 ANADIGICS-AWT6272 Datasheet
441Kb / 8P
HELPTM Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
Rev 2.1
AWT6273 ANADIGICS-AWT6273 Datasheet
420Kb / 8P
HELP3TM Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
AWU6601 ANADIGICS-AWU6601 Datasheet
622Kb / 14P
HELP3TM Band 1 / WCDMA / TD-SCDMA 3.4 V / 28.25 dBm Linear PA Module
Rev 2.0
AWU6604 ANADIGICS-AWU6604 Datasheet
565Kb / 13P
HELP3TM Band 4 & 9 WCDMA 3.4 V / 28.25 dBm Linear PA Module
Rev 2.0
AWU6605 ANADIGICS-AWU6605 Datasheet
568Kb / 13P
HELP3TM Band 5 / WCDMA 3.4 V / 28.5 dBm Linear PA Module
AWU6608 ANADIGICS-AWU6608 Datasheet
567Kb / 13P
HELP3TM Band 8 / WCDMA 3.4 V / 28.5 dBm Linear PA Module
Rev 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com