Electronic Components Datasheet Search
  English  ▼

X  

AWU6602 Datasheet(PDF) 13 Page - ANADIGICS, Inc

Part # AWU6602
Description  HELP3TM Band 2 / WCDMA 3.4 V / 29 dBm Linear PA Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWU6602 Datasheet(HTML) 13 Page - ANADIGICS, Inc

Back Button AWU6602 Datasheet HTML 5Page - ANADIGICS, Inc AWU6602 Datasheet HTML 6Page - ANADIGICS, Inc AWU6602 Datasheet HTML 7Page - ANADIGICS, Inc AWU6602 Datasheet HTML 8Page - ANADIGICS, Inc AWU6602 Datasheet HTML 9Page - ANADIGICS, Inc AWU6602 Datasheet HTML 10Page - ANADIGICS, Inc AWU6602 Datasheet HTML 11Page - ANADIGICS, Inc AWU6602 Datasheet HTML 12Page - ANADIGICS, Inc AWU6602 Datasheet HTML 13Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
WARNING
ANADIGICSproductsarenotintendedforuseinlifesupportappliances,devicesorsystems.UseofanANADIGICSproduct
in any such application without written consent is prohibited.
IMPORTANT NOTICE
ANADIGICS, Inc.
141MountBethelRoad
Warren,NewJersey07059,U.S.A.
Tel:+1(908)668-5000
Fax:+1(908)668-5132
URL:http://www.anadigics.com
E-mail:Mktg@anadigics.com
ANADIGICS,Inc.reservestherighttomakechangestoitsproductsortodiscontinueanyproductatanytimewithoutnotice.
TheproductspecificationscontainedinAdvancedProductInformationsheetsandPreliminaryDataSheetsaresubjectto
changepriortoaproduct’sformalintroduction.InformationinDataSheetshavebeencarefullycheckedandareassumed
tobereliable;however,ANADIGICSassumesnoresponsibilitiesforinaccuracies.ANADIGICSstronglyurgescustomers
toverifythattheinformationtheyareusingiscurrentbeforeplacingorders.
Data Sheet - Rev 2.0
10/2009
13
AWU6602
ORDERING INFORMATION
ORDER NUMBER TEMPERATURE
RANGE
PACKAGE
DESCRIPTION
COMPONENT PACKAGING
AWU6602RM45Q7 -30 oC to +90 oC
RoHSCompliant10Pin
3 mm x 3 mm x 1 mm
Surface Mount Module
TapeandReel,2500piecesperReel
AWU6602RM45P9
-30 oC to +90 oC
RoHSCompliant10Pin
3 mm x 3 mm x 1 mm
Surface Mount Module
PartialTapeandReel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com