Electronic Components Datasheet Search
  English  ▼

X  

AD6657 Datasheet(PDF) 1 Page - Analog Devices

Part # AD6657
Description  Quad IF Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6657 Datasheet(HTML) 1 Page - Analog Devices

  AD6657 Datasheet HTML 1Page - Analog Devices AD6657 Datasheet HTML 2Page - Analog Devices AD6657 Datasheet HTML 3Page - Analog Devices AD6657 Datasheet HTML 4Page - Analog Devices AD6657 Datasheet HTML 5Page - Analog Devices AD6657 Datasheet HTML 6Page - Analog Devices AD6657 Datasheet HTML 7Page - Analog Devices AD6657 Datasheet HTML 8Page - Analog Devices AD6657 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Quad IF Receiver
AD6657
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
11-bit, 200 MSPS output data rate per channel
Integrated noise shaping requantizer (NSR)
Performance with NSR enabled
SNR: 75.5 dBFS in 40 MHz band to 70 MHz @ 185 MSPS
SNR: 73.7 dBFS in 60 MHz band to 70 MHz @ 185 MSPS
Performance with NSR disabled
SNR: 66.5 dBFS to 70 MHz @ 185 MSPS
SFDR: 83 dBc to 70 MHz @ 185 MSPS
Low power: 1.2 W @ 185 MSPS
1.8 V analog supply operation
1.8 V LVDS (ANSI-644 levels) output
1-to-8 integer clock divider
Internal ADC voltage reference
1.75 V p-p analog input range (programmable to 2.0 V p-p)
Differential analog inputs with 800 MHz bandwidth
95 dB channel isolation/crosstalk
Serial port control
User-configurable built-in self-test (BIST) capability
Energy-saving power-down modes
APPLICATIONS
Communications
Diversity radio and smart antenna (MIMO) systems
Multimode digital receivers (3G)
WCDMA, LTE, CDMA2000
WiMAX, TD-SCDMA
I/Q demodulation systems
General-purpose software radios
FUNCTIONAL BLOCK DIAGRAM
VIN+A
D0±AB
D10±AB
VIN–A
PIPELINE
ADC
NOISE SHAPING
REQUANTIZER
VIN+B
VIN–B
PIPELINE
ADC
VIN+C
VIN–C
PIPELINE
ADC
VIN+D
VIN–D
PIPELINE
ADC
SERIAL PORT
REFERENCE
14
11
NOISE SHAPING
REQUANTIZER
PORT A
AD6657
PORT B
14
11
NOISE SHAPING
REQUANTIZER
14
11
NOISE SHAPING
REQUANTIZER
CLOCK
DIVIDER
14
11
VCMA
VCMB
VCMC
VCMD
SCLK
SDIO
CSB
CLK+
AVDD
AGND
DRVDD
DRGND
CLK–
D0±CD
DC0±AB
DC0±CD
D10±CD
MODE
SYNC
PDWN
Figure 1.
PRODUCT HIGHLIGHTS
1.
Four ADCs are contained in a small, space-saving,
10 mm × 10 mm × 1.4 mm, 144-ball CSP_BGA package.
2.
Pin selectable noise shaping requantizer (NSR) function
that allows for improved SNR within a reduced bandwidth
of up to 60 MHz at 185 MSPS.
3.
LVDS digital output interface configured for low cost
FPGA families.
4.
230 mW per ADC core power consumption.
5.
Operation from a single 1.8 V supply.
6.
Standard serial port interface (SPI) that supports various
product features and functions, such as data formatting
(offset binary or twos complement), NSR, power-down,
test modes, and voltage reference mode.
7.
On-chip integer 1-to-8 input clock divider and multichip
sync function to support a wide range of clocking schemes
and multichannel subsystems.


Similar Part No. - AD6657

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6657A AD-AD6657A Datasheet
1Mb / 36P
Quad IF Receiver
REV. 0
AD6657A AD-AD6657A Datasheet
158Kb / 5P
High Performance 65 MHz Bandwidth Quad IF Receiver with Antialiasing Filter and 184.32 MSPS Sampling Rate
REV. B
AD6657A AD-AD6657A Datasheet
1Mb / 37P
Quad IF Receiver
23-Feb-2017
AD6657ABBCZ AD-AD6657ABBCZ Datasheet
1Mb / 36P
Quad IF Receiver
REV. 0
AD6657ABBCZ AD-AD6657ABBCZ Datasheet
1Mb / 37P
Quad IF Receiver
23-Feb-2017
More results

Similar Description - AD6657

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA8513BD SAMSUNG-KA8513BD Datasheet
142Kb / 6P
FM IF RECEIVER
logo
Texas Instruments
ADS58C48 TI-ADS58C48 Datasheet
2Mb / 70P
Quad Channel IF Receiver with SNRBoost 3G
logo
Analog Devices
AD6657A AD-AD6657A Datasheet
1Mb / 36P
Quad IF Receiver
REV. 0
AD6672 AD-AD6672 Datasheet
1Mb / 32P
IF Receiver
REV. 0
AD6655ABCPZ-80 AD-AD6655ABCPZ-80 Datasheet
2Mb / 88P
IF Diversity Receiver
REV. A
logo
Texas Instruments
ADS58C48 TI1-ADS58C48_14 Datasheet
2Mb / 71P
Quad Channel IF Receiver with SNRBoost 3G
logo
Analog Devices
AD6655 AD-AD6655_15 Datasheet
2Mb / 84P
IF Diversity Receiver
REV. B
AD6672 AD-AD6672_14 Datasheet
1Mb / 30P
IF Receiver
REV. C
AD6684 AD-AD6684 Datasheet
2Mb / 107P
135 MHz Quad IF Receiver
REV. 0
AD6657A AD-AD6657A_17 Datasheet
1Mb / 37P
Quad IF Receiver
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com