Electronic Components Datasheet Search
  English  ▼

X  

AD6657 Datasheet(PDF) 12 Page - Analog Devices

Part # AD6657
Description  Quad IF Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6657 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD6657 Datasheet HTML 8Page - Analog Devices AD6657 Datasheet HTML 9Page - Analog Devices AD6657 Datasheet HTML 10Page - Analog Devices AD6657 Datasheet HTML 11Page - Analog Devices AD6657 Datasheet HTML 12Page - Analog Devices AD6657 Datasheet HTML 13Page - Analog Devices AD6657 Datasheet HTML 14Page - Analog Devices AD6657 Datasheet HTML 15Page - Analog Devices AD6657 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
AD6657
Rev. 0 | Page 12 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD = 1.8 V, DRVDD = 1.8 V, sample rate = 185 MSPS, 1.75 V p-p differential input, VIN = −1.0 dBFS, 32k sample, TA = 25°C, unless
otherwise noted.
0
–20
–40
–60
–80
–100
–120
10
0
2030
405060
708090
FREQUENCY (MHz)
SECOND
HARMONIC
THIRD
HARMONIC
fS = 185MSPS
fIN = 30.3MHz @ –1dBFS
SNR = 65.7dB (66.7dBFS)
SFDR = 89.7dBc
Figure 5. Single-Tone FFT with fIN = 30.3 MHz
0
–20
–40
–60
–80
–100
–120
10
0
20
3040
5060708090
FREQUENCY (MHz)
fS = 185MSPS
fIN = 70.3MHz @ –1dBFS
SNR = 65.4dB (66.4dBFS)
SFDR = 86dBc
SECOND
HARMONIC
THIRD
HARMONIC
Figure 6. Single-Tone FFT with fIN = 70.3 MHz
0
–20
–40
–60
–80
–100
–120
10
0
2030
405060
708090
FREQUENCY (MHz)
SECOND
HARMONIC
THIRD
HARMONIC
fS = 185MSPS
fIN = 140.1MHz @ –1dBFS
SNR = 65.3dB (66.3dBFS)
SFDR = 88dBc
Figure 7. Single-Tone FFT with fIN = 140.1 MHz
0
–20
–40
–60
–80
–100
–120
10
0
2030
405060
708090
FREQUENCY (MHz)
SECOND
HARMONIC
THIRD
HARMONIC
fS = 185MSPS
fIN = 200.3MHz @ –1dBFS
SNR = 64.8dB (65.8dBFS)
SFDR = 80dBc
Figure 8. Single-Tone FFT with fIN = 200.3 MHz
0
–20
–40
–60
–80
–100
–120
10
0
2030
405060
708090
FREQUENCY (MHz)
SECOND
HARMONIC
THIRD
HARMONIC
fS = 185MSPS
fIN = 230.3MHz @ –1dBFS
SNR = 64.6dB (65.6dBFS)
SFDR = 86.1dBc
Figure 9. Single-Tone FFT with fIN = 230.3 MHz
0
–20
–40
–60
–80
–120
–100
–140
10
0
2030
405060
708090
FREQUENCY (MHz)
SECOND
HARMONIC
THIRD
HARMONIC
fS = 185MSPS
fIN = 140.1MHz @ –1.6dBFS
NSR 22% BW MODE, TW = 28
SNR = 73dB (74.6dBFS) (IN-BAND)
SFDR = 89.7dBc (IN-BAND)
Figure 10. Single-Tone FFT with fIN = 140.1 MHz, NSR Enabled
in 22% BW Mode with Tuning Word = 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com