Electronic Components Datasheet Search
  English  ▼

X  

AD7944 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7944
Description  14-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7944 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7944 Datasheet HTML 7Page - Analog Devices AD7944 Datasheet HTML 8Page - Analog Devices AD7944 Datasheet HTML 9Page - Analog Devices AD7944 Datasheet HTML 10Page - Analog Devices AD7944 Datasheet HTML 11Page - Analog Devices AD7944 Datasheet HTML 12Page - Analog Devices AD7944 Datasheet HTML 13Page - Analog Devices AD7944 Datasheet HTML 14Page - Analog Devices AD7944 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD7944
Rev. 0 | Page 11 of
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
INPUT LEVEL (dBFS)
80
81
82
83
84
85
86
87
88
89
90
0.2
0
2.375
2.625
2.575
2.525
2.475
2.425
AVDD AND DVDD VOLTAGE (V)
28
Figure 17. SNR vs. Input Level
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
IAVDD
IDVDD
IVIO
IBVDD
IREF
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–55
–35
–15
5
25
45
65
85
105
125
IAVDD
IBVDD
IREF
TEMPERATURE (°C)
Figure 18. Operating Current vs. Supply Voltage
14
12
10
8
6
4
2
Figure 19. Operating Current vs. Temperature
0
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (°C)
IAVDD + IDVDD + IVIO
Figure 20. Power-Down Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com