Electronic Components Datasheet Search
  English  ▼

X  

AD7944 Datasheet(PDF) 24 Page - Analog Devices

Part # AD7944
Description  14-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7944 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7944 Datasheet HTML 20Page - Analog Devices AD7944 Datasheet HTML 21Page - Analog Devices AD7944 Datasheet HTML 22Page - Analog Devices AD7944 Datasheet HTML 23Page - Analog Devices AD7944 Datasheet HTML 24Page - Analog Devices AD7944 Datasheet HTML 25Page - Analog Devices AD7944 Datasheet HTML 26Page - Analog Devices AD7944 Datasheet HTML 27Page - Analog Devices AD7944 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
AD7944
Rev. 0 | Page 24 of 28
CHAIN MODE WITH BUSY INDICATOR
This mode can be used to daisy-chain multiple AD7944 devices
on a 3-wire serial interface while providing a busy indicator. It
is available only in normal conversion mode (TURBO low).
This feature is useful for reducing component count and wiring
connections, for example, in isolated multiconverter applications
or for systems with a limited interfacing capacity. Data readback
is analogous to clocking a shift register. A connection diagram
example using three AD7944 devices is shown in Figure 36, and
the corresponding timing is given in Figure 37.
When SDI and CNV are low, SDO is driven low. With SCK high,
a rising edge on CNV initiates a conversion, selects chain mode,
and enables the busy indicator. In this mode, CNV is held high
during the conversion phase and the subsequent data readback.
When all ADCs in the chain have completed their conversions, the
SDO pin of the ADC closest to the digital host (see the AD7944
ADC labeled C in Figure 36) is driven high. This transition on
SDO can be used as a busy indicator to trigger the data read-
back controlled by the digital host. The AD7944 then enters the
acquisition phase and powers down. The data bits stored in the
internal shift register are clocked out, MSB first, by subsequent SCK
falling edges. For each ADC, SDI feeds the input of the internal
shift register and is clocked by the SCK falling edge. Each ADC
in the chain outputs its data MSB first, and 14 × N + 1 clocks
are required to read back the N ADCs. Although the rising edge
can be used to capture the data, a digital host using the SCK
falling edge allows a faster reading rate and, consequently, more
AD7944 devices in the chain, provided that the digital host has
an acceptable hold time.
CONVERT
DATA IN
CLK
DIGITAL HOST
AD7944
SDI
SDO
CNV
C
SCK
AD7944
SDI
SDO
CNV
A
SCK
IRQ
AD7944
SDI
SDO
CNV
B
SCK
TURBO
TURBO
TURBO
SDOA = SDIB
SCK
Figure 36. Chain Mode with Busy Indicator Connection Diagram
T
DA13 DA12 DA11
12
3
31
41
42
tEN
CONVERSION
ACQUISITION
tCONV
tACQ
ACQUISITION
tCYC
CNV = SDIA
DA1
413
tSCK
tSCKH
tSCKL
DA0
15
30
14
SDOB = SDIC
DB13 DB12 DB11
DA1
DB1DB0DA13 DA12
43
tSSDISCK
tHSDISCK
tHSDO
tDSDO
17
27
28
16
29
SDOC
DC13 DC12 DC11
DA1DA0
DC1DC0DA12
DB1DB0DA13
DB13 DB12
tDSDOSDI
tHSCKCNV
DA0
tDSDOSDI
tDSDOSDI
tDSDOSDI
tDSDOSDI
URBO = 0
tSSCKCNV
Figure 37. Chain Mode with Busy Indicator Serial Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com