Electronic Components Datasheet Search
  English  ▼

X  

ADG1421 Datasheet(PDF) 9 Page - Analog Devices

Part # ADG1421
Description  2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1421 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG1421 Datasheet HTML 5Page - Analog Devices ADG1421 Datasheet HTML 6Page - Analog Devices ADG1421 Datasheet HTML 7Page - Analog Devices ADG1421 Datasheet HTML 8Page - Analog Devices ADG1421 Datasheet HTML 9Page - Analog Devices ADG1421 Datasheet HTML 10Page - Analog Devices ADG1421 Datasheet HTML 11Page - Analog Devices ADG1421 Datasheet HTML 12Page - Analog Devices ADG1421 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADG1421/ADG1422/ADG1423
Rev. 0 | Page 9 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
3.5
–16.5
3.0
2.5
2.0
1.5
1.0
VS, VD (V)
–11.5
–6.5
–1.5
3.5
8.5
13.5
VDD = +15V
VSS = –15V
VDD = +13.5V
VSS = –13.5V
VDD = +16.5V
VSS = –16.5V
VDD = +12V
VSS = –12V
VDD = +10V
VSS = –10V
TA = 25°C
Figure 6. On Resistance as a Function of VD (VS) for Dual Supply
2
3
4
5
6
7
8
9
0246
8
10
12
14
TA = 25°C
VDD = 5V
VSS = 0V
VDD = 8V
VSS = 0V
VDD = 10.8V
VSS = 0V
VDD = 12V
VSS = 0V
VDD = 13.2V
VSS = 0V
VDD = 15V
VSS = 0V
VS, VD (V)
Figure 7. On Resistance as a Function of VD (VS) for Single Supply
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
–7
–5
–3
–1
1
3
5
7
VS, VD (V)
TA = 25°C
VDD = +4.5V
VSS = –4.5V
VDD = +7V
VSS = –7V
VDD = +5V
VSS = –5V
VDD = +5.5V
VSS = –5.5V
Figure 8. On Resistance as a Function of VD (VS) for Dual Supply
VDD = +15V
VSS = –15V
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
–15
–10
–5
0
5
10
15
VS, VD (V)
TA = +125°C
TA = +85°C
TA = +25°C
TA = –40°C
Figure 9. On Resistance as a Function of VD (VS) for Different Temperatures,
±15 V Dual Supply
0
1
2
3
4
5
6
0
2468
10
1
VS, VD (V)
2
VDD= 12V
VSS= 0V
TA= +25°C
TA= –40°C
TA= +85°C
TA= +125°C
Figure 10. On Resistance as a Function of VD (VS) for Different Temperatures,
+12 V Single Supply
TA = +85°C
0
1
2
3
4
5
6
7
–5
–4
–3
–2
–1
01234
5
VS, VD (V)
VDD = +5V
VSS = –5V
TA = –40°C
TA = +25°C
TA = +125°C
Figure 11. On Resistance as a Function of VD (VS) for Different Temperatures,
±5 V Dual Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com