Electronic Components Datasheet Search
  English  ▼

X  

ADG1421 Datasheet(PDF) 13 Page - Analog Devices

Part # ADG1421
Description  2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1421 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADG1421 Datasheet HTML 8Page - Analog Devices ADG1421 Datasheet HTML 9Page - Analog Devices ADG1421 Datasheet HTML 10Page - Analog Devices ADG1421 Datasheet HTML 11Page - Analog Devices ADG1421 Datasheet HTML 12Page - Analog Devices ADG1421 Datasheet HTML 13Page - Analog Devices ADG1421 Datasheet HTML 14Page - Analog Devices ADG1421 Datasheet HTML 15Page - Analog Devices ADG1421 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADG1421/ADG1422/ADG1423
Rev. 0 | Page 13 of 16
VOUT
50
Ω
NETWORK
ANALYZER
RL
50
Ω
IN
VIN
S
D
50
Ω
OFF ISOLATION = 20 LOG
VOUT
VS
VS
VDD
VSS
0.1µF
VDD
0.1µF
VSS
GND
Figure 29. Off Isolation
CHANNEL-TO-CHANNEL CROSSTALK = 20 LOG
VOUT
GND
S1
D
S2
VOUT
NETWORK
ANALYZER
RL
50
Ω
R
50
Ω
VS
VS
VDD
VSS
0.1µF
VDD
0.1µF
VSS
Figure 30. Channel-to-Channel Crosstalk
VOUT
50
Ω
NETWORK
ANALYZER
RL
50
Ω
IN
VIN
S
D
INSERTION LOSS = 20 LOG
VOUT WITH SWITCH
VOUT WITHOUT SWITCH
VS
VDD
VSS
0.1µF
VDD
0.1µF
VSS
GND
Figure 31. Bandwidth
VOUT
RS
AUDIO PRECISION
RL
10k
Ω
IN
VIN
S
D
VS
V p-p
VDD
VSS
0.1µF
VDD
0.1µF
VSS
GND
Figure 32. THD + N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com