Electronic Components Datasheet Search
  English  ▼

X  

ADN4604 Datasheet(PDF) 23 Page - Analog Devices

Part # ADN4604
Description  4.25 Gbps, 16 횞 16, Digital Crosspoint Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4604 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADN4604 Datasheet HTML 19Page - Analog Devices ADN4604 Datasheet HTML 20Page - Analog Devices ADN4604 Datasheet HTML 21Page - Analog Devices ADN4604 Datasheet HTML 22Page - Analog Devices ADN4604 Datasheet HTML 23Page - Analog Devices ADN4604 Datasheet HTML 24Page - Analog Devices ADN4604 Datasheet HTML 25Page - Analog Devices ADN4604 Datasheet HTML 26Page - Analog Devices ADN4604 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
ADN4604
Rev. 0 | Page 23 of 40
TERMINATION
The inputs and outputs include integrated 50 Ω termination
resistors. For applications that require external termination
resistors, the internal resistors can be disabled. For example,
disabling the integrated 50 Ω termination resistors allows
alternative termination values such as 75 Ω as shown in
Figure 45.
Note that the integrated 50 Ω termination resistors are optimal
for high data rate digital signaling. Disabling the terminations
can reduce the overall performance.
The termination control is separated by quadrants (North =
Outputs[15:8], South = Outputs[7:0], East = Inputs[15:8], and
West = Inputs[7:0]).
Table 16 shows the termination control register. A Logic 0
enables the terminations for the respective quadrant. A Logic 1
disables the terminations for the respective quadrant. The
terminations are enabled by default.
V
CML
50
Ω
50
Ω
V
V
V
TTIx
TTIx
CC
TTOx
50
Ω
VTTOx
50
Ω
50
Ω
75
Ω
75
Ω
75
Ω
50
Ω
VEE
ADN4604
75
Ω
50
Ω
Rx
Figure 45. 75 Ω to 50 Ω Impedance Translator.
Table 16. Termination Control Register
Address
Default
Register Name
Bit
Bit Name
Description
0xF0
0x00
Termination control
3
TXN_TERM
Output[15:8] (North) termination control
0: Terminations enabled
1: Terminations disabled
2
TXS_TERM
Output[7:0] (South) termination control
0: Terminations enabled
1: Terminations disabled
1
RXE_TERM
Input[15:8] (East) termination control
0: Terminations enabled
1: Terminations disabled
0
RXW_TERM
Input[7:0] (West) termination control
0: Terminations enabled
1: Terminations disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com