Electronic Components Datasheet Search
  English  ▼

X  

ADN4604 Datasheet(PDF) 30 Page - Analog Devices

Part # ADN4604
Description  4.25 Gbps, 16 횞 16, Digital Crosspoint Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4604 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADN4604 Datasheet HTML 26Page - Analog Devices ADN4604 Datasheet HTML 27Page - Analog Devices ADN4604 Datasheet HTML 28Page - Analog Devices ADN4604 Datasheet HTML 29Page - Analog Devices ADN4604 Datasheet HTML 30Page - Analog Devices ADN4604 Datasheet HTML 31Page - Analog Devices ADN4604 Datasheet HTML 32Page - Analog Devices ADN4604 Datasheet HTML 33Page - Analog Devices ADN4604 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
ADN4604
Rev. 0 | Page 30 of 40
Address: Channel
Default
Register Name
Bit
Bit Name
Description
0x61: Table Entry 0
0x00
TX Lookup
Table 1
7
DRV END
0: Driver D disabled
1: Driver D enabled
0x63: Table Entry 1
0x99
0x65: Table Entry 2
0xCC
6:4
DRV LVD[2:0]
Driver D current = decimal(DRV LVD[2:0]) + 1
0x67: Table Entry 3
0xFF
0x69: Table Entry 4
0xFF
3
DRV EN2
0: Driver 2 disabled
1: Driver 2 enabled
0x6B: Table Entry 5
0xFF
0x6D: Table Entry 6
0xDD
2:0
DRV LV2[2:0]
Driver 2 current = decimal(DRV LV2[2:0]) + 1
0x6F: Table Entry 7
0xDD
0x80
Write only
Update
0
UPDATE
Updates XPT switch core (active high, write only)
0x81
0x00
Map table select
0
MAP TABLE
SELECT
0: Map 0 is selected
1: Map 1 is selected
0x82
Write only
XPT broadcast
3:0
BROADCAST[3:0]
All outputs connection assignment
0x90
0xEF
XPT Map 0
Control 0
7:4
OUT1[3:0]
Output 1 connection assignment
3:0
OUT0[3:0]
Output 0 connection assignment
0x91
0xCD
XPT Map 0
Control 1
7:4
OUT3[3:0]
Output 3 connection assignment
3:0
OUT2[3:0]
Output 2 connection assignment
0x92
0xAB
XPT Map 0
Control 2
7:4
OUT5[3:0]
Output 5 connection assignment
3:0
OUT4[3:0]
Output 4 connection assignment
0x93
0x89
XPT Map 0
Control 3
7:4
OUT7[3:0]
Output 7 connection assignment
3:0
OUT6[3:0]
Output 6 connection assignment
0x94
0x67
XPT Map 0
Control 4
7:4
OUT9[3:0]
Output 9 connection assignment
3:0
OUT8[3:0]
Output 8 connection assignment
0x95
0x45
XPT Map 0
Control 5
7:4
OUT11[3:0]
Output 11 connection assignment
3:0
OUT10[3:0]
Output 10 connection assignment
0x96
0x23
XPT Map 0
Control 6
7:4
OUT13[3:0]
Output 13 connection assignment
3:0
OUT12[3:0]
Output 12 connection assignment
0x97
0x01
XPT Map 0
Control 7
7:4
OUT15[3:0]
Output 15 connection assignment
3:0
OUT14[3:0]
Output 14 connection assignment
0x98
0x10
XPT Map 1
Control 0
7:4
OUT1[3:0]
Output 1 connection assignment
3:0
OUT0[3:0]
Output 0 connection assignment
0x99
0x32
XPT Map 1
Control 1
7:4
OUT3[3:0]
Output 3 connection assignment
3:0
OUT2[3:0]
Output 2 connection assignment
0x9A
0x54
XPT Map 1
Control 2
7:4
OUT5[3:0]
Output 5 connection assignment
3:0
OUT4[3:0]
Output 4 connection assignment
0x9B
0x76
XPT Map 1
Control 3
7:4
OUT7[3:0]
Output 7 connection assignment
3:0
OUT6[3:0]
Output 6 connection assignment
0x9C
0x98
XPT Map 1
Control 4
7:4
OUT9[3:0]
Output 9 connection assignment
3:0
OUT8[3:0]
Output 8 connection assignment
0x9D
0xBA
XPT Map 1
Control 5
7:4
OUT11[3:0]
Output 11 connection assignment
3:0
OUT10[3:0]
Output 10 connection assignment
0x9E
0xDC
XPT Map 1
Control 6
7:4
OUT13[3:0]
Output 13 connection assignment
3:0
OUT12[3:0]
Output 12 connection assignment
0x9F
0xFE
XPT Map 1
Control 7
7:4
OUT15[3:0]
Output 15 connection assignment
3:0
OUT14[3:0]
Output 14 connection assignment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com