Electronic Components Datasheet Search
  English  ▼

X  

ADN4604ASVZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADN4604ASVZ
Description  4.25 Gbps, 16 횞 16, Digital Crosspoint Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4604ASVZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADN4604ASVZ Datasheet HTML 2Page - Analog Devices ADN4604ASVZ Datasheet HTML 3Page - Analog Devices ADN4604ASVZ Datasheet HTML 4Page - Analog Devices ADN4604ASVZ Datasheet HTML 5Page - Analog Devices ADN4604ASVZ Datasheet HTML 6Page - Analog Devices ADN4604ASVZ Datasheet HTML 7Page - Analog Devices ADN4604ASVZ Datasheet HTML 8Page - Analog Devices ADN4604ASVZ Datasheet HTML 9Page - Analog Devices ADN4604ASVZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
ADN4604
Rev. 0 | Page 6 of 40
ABSOLUTE MAXIMUM RATINGS
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Table 4.
Parameter
Rating
VCC to VEE
3.7 V
DVCC to VEE
3.7 V
VTTIE, VTTIW
VCC + 0.6 V
VTTON, VTTOS
VCC + 0.6 V
Internal Power Dissipation1
4.9 W
Differential Input Voltage
2.0 V
Logic Input Voltage
VEE – 0.3 V < VIN < VCC + 0.6 V
Storage Temperature Range
−65°C to +125°C
Lead Temperature Range
300°C
Junction Temperature
150°C
ESD CAUTION
1 Internal power dissipation is for the device in free air.
TA = 27°C; θJA = 24.9°C/W in still air.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com