Electronic Components Datasheet Search
  English  ▼

X  

ADN4604ASVZ Datasheet(PDF) 29 Page - Analog Devices

Part # ADN4604ASVZ
Description  4.25 Gbps, 16 횞 16, Digital Crosspoint Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4604ASVZ Datasheet(HTML) 29 Page - Analog Devices

Back Button ADN4604ASVZ Datasheet HTML 25Page - Analog Devices ADN4604ASVZ Datasheet HTML 26Page - Analog Devices ADN4604ASVZ Datasheet HTML 27Page - Analog Devices ADN4604ASVZ Datasheet HTML 28Page - Analog Devices ADN4604ASVZ Datasheet HTML 29Page - Analog Devices ADN4604ASVZ Datasheet HTML 30Page - Analog Devices ADN4604ASVZ Datasheet HTML 31Page - Analog Devices ADN4604ASVZ Datasheet HTML 32Page - Analog Devices ADN4604ASVZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
ADN4604
Rev. 0 | Page 29 of 40
Address: Channel
Default
Register Name
Bit
Bit Name
Description
0x18: Broadcast,
0x20: Output 0,
0x21: Output 1,
0x22: Output 2,
0x23: Output 3,
0x24: Output 4,
0x25: Output 5,
0x26: Output 6,
0x27: Output 7,
0x28: Output 8,
0x29: Output 9,
0x2A: Output 10,
0x2B: Output 11,
0x2C: Output 12,
0x2D: Output 13,
0x2E: Output 14,
0x2F: Output 15
0x00
TX basic control
6
TX CTL SELECT
0: PE and output level control is derived from common
lookup table
1: PE and output level control is derived from per port
drive control registers
5:4
TX EN[1:0]
00: TX disabled, lowest power state
01: TX standby
10: TX squelched
11: TX enabled
3
Reserved
Reserved. Set to 0.
2:0
PE[2:0]
If TX CTL SELECT = 0, see Table 10
Selected table entry = decimal(PE[2:0])
If TX CTL SELECT = 1, PE[2:0] are ignored
0x30: Output 0,
0x32: Output 1,
0x34: Output 2,
0x36: Output 3,
0x38: Output 4,
0x3A: Output 5,
0x3C: Output 6,
0x3E: Output 7,
0x40: Output 8,
0x42: Output 9,
0x44: Output 10,
0x46: Output 11,
0x48: Output 12,
0x4A: Output 13,
0x4C: Output 14,
0x4E: Output 15
0xFF
TX Drive 0
control
7
DRV EN1
0: Driver 1 disabled
1: Driver 1 enabled
6:4
DRV LV1[2:0]
Driver 1 current = decimal(DRV LV1[2:0]) + 1
3
DRV EN0
0: Driver 0 disabled
1: Driver 0 enabled
2:0
DRV LV0[2:0]
Driver 0 current = decimal(DRV LV0[2:0]) + 1
0x31: Output 0,
0x33: Output 1,
0x35: Output 2,
0x37: Output 3,
0x39: Output 4,
0x3B: Output 5,
0x3D: Output 6,
0x3F: Output 7,
0x41: Output 8,
0x43: Output 9,
0x45: Output 10,
0x47: Output 11,
0x49: Output 12,
0x4B: Output 13,
0x4D: Output 14,
0x4F: Output 15
0x00
TX Drive 1
control
7
DRV END
0: Driver D disabled
1: Driver D enabled
6:4
DRV LVD[2:0]
Driver D current = decimal(DRV LVD[2:0]) + 1
3
DRV EN2
0: Driver 2 disabled
1: Driver 2 enabled
2:0
DRV LV2[2:0]
Driver 2 current = decimal(DRV LV2[2:0]) + 1
0x60: Table Entry 0
0xFF
TX Lookup
Table 0
7
DRV EN1
0: Driver 1 disabled
1: Driver 1 enabled
0x62: Table Entry 1
0xFF
0x64: Table Entry 2
0xFF
6:4
DRV LV1[2:0]
Driver 1 current = decimal(DRV LV1[2:0]) + 1
0x66: Table Entry 3
0xFF
0x68: Table Entry 4
0xDC
3
DRV EN0
0: Driver 0 disabled
1: Driver 0 enabled
0x6A: Table Entry 5
0xBB
0x6C: Table Entry 6
0x99
2:0
DRV LV0[2:0]
Driver 0 current = decimal(DRV LV0[2:0]) + 1
0x6E: Table Entry 7
0x99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com