Electronic Components Datasheet Search
  English  ▼

X  

ADP150 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP150
Description  Ultralow Noise, 150 mA CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP150 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP150 Datasheet HTML 5Page - Analog Devices ADP150 Datasheet HTML 6Page - Analog Devices ADP150 Datasheet HTML 7Page - Analog Devices ADP150 Datasheet HTML 8Page - Analog Devices ADP150 Datasheet HTML 9Page - Analog Devices ADP150 Datasheet HTML 10Page - Analog Devices ADP150 Datasheet HTML 11Page - Analog Devices ADP150 Datasheet HTML 12Page - Analog Devices ADP150 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADP150
Rev. 0 | Page 9 of 20
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
IOUT = 100µA
IOUT = 1mA
IOUT = 10mA
IOUT = 100mA
IOUT = 150mA
VIN = VOUT + 0.5V
VRIPPLE = 50mV
CIN = COUT = 1µF
Figure 17. Power Supply Rejection Ratio (PSRR) vs. Frequency,
VOUT = 3.3 V, VIN = 3.8 V
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VOUT = 1.8V, IOUT = 100µA
VOUT = 2.8V, IOUT = 100µA
VOUT = 3.3V, IOUT = 100µA
VOUT = 1.8V, IOUT = 150mA
VOUT = 2.8V, IOUT = 150mA
VOUT = 3.3V, IOUT = 150mA
VIN = VOUT + 0.5V
VRIPPLE = 50mV
CIN = COUT = 1µF
Figure 18. Power Supply Rejection Ratio (PSRR) vs. Frequency
Various Output Voltages and Load Currents
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VIN = 3.8V, IOUT = 1mA
VIN = 4.3V, IOUT = 1mA
VIN = 5.3V, IOUT = 1mA
VIN = 3.8V, IOUT = 150mA
VIN = 4.3V, IOUT = 150mA
VIN = 5.3V, IOUT = 150mA
VRIPPLE = 50mV
CIN = COUT = 1µF
Figure 19. Power Supply Rejection Ratio (PSRR) vs. Frequency with
Various Headroom Voltages (VIN − VOUT), VOUT = 3.3 V
15
13
11
9
7
5
3
1
0.001
0.01
0.1
1
10
100
1k
IOUT (mA)
VOUT = 3.3V
VOUT = 2.8V
VOUT = 1.8V
Figure 20. Output RMS Noise vs. Load Current (IOUT) and
Output Voltage (VOUT), VIN = 5 V, COUT = 1 μF
0.501
0.001
0.051
0.101
0.151
0.201
0.251
0.301
0.351
0.401
0.451
10
100
1k
10k
100k
FREQUENCY (Hz)
VOUT = 1.8V
VOUT = 2.8V
VOUT = 3.3V
Figure 21. Output Noise Spectrum, VIN = 5 V, ILOAD = 10 mA, COUT = 1 μF
CH1 100mA
CH2 50mV
M40µs
A CH1
112mA
T
117.560µs
1
2
T
IOUT
1mA TO 150mA LOAD STEP
VOUT
VIN = 3.7V
VOUT = 3.3V
Figure 22. Load Transient Response, COUT = 1 μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com