Electronic Components Datasheet Search
  English  ▼

X  

ADP150 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP150
Description  Ultralow Noise, 150 mA CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP150 Datasheet(HTML) 3 Page - Analog Devices

  ADP150 Datasheet HTML 1Page - Analog Devices ADP150 Datasheet HTML 2Page - Analog Devices ADP150 Datasheet HTML 3Page - Analog Devices ADP150 Datasheet HTML 4Page - Analog Devices ADP150 Datasheet HTML 5Page - Analog Devices ADP150 Datasheet HTML 6Page - Analog Devices ADP150 Datasheet HTML 7Page - Analog Devices ADP150 Datasheet HTML 8Page - Analog Devices ADP150 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADP150
Rev. 0 | Page 3 of 20
SPECIFICATIONS
VIN = (VOUT + 0.4 V) or 2.2 V, whichever is greater; EN = VIN, IOUT = 10 mA, CIN = COUT = 1 μF, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT VOLTAGE RANGE
VIN
TJ = −40°C to +125°C
2.2
5.5
V
OPERATING SUPPLY CURRENT
IGND
IOUT = 0 μA
10
μA
IOUT = 0 μA, TJ = −40°C to +125°C
22
μA
IOUT = 100 μA
20
μA
IOUT = 100 μA, TJ = −40°C to +125°C
40
μA
IOUT = 10 mA
60
μA
IOUT = 10 mA, TJ = −40°C to +125°C
100
μA
IOUT = 150 mA
220
μA
IOUT = 150 mA, TJ = −40°C to +125°C
320
μA
SHUTDOWN CURRENT
IGND-SD
EN = GND
0.2
μA
EN = GND, TJ = −40°C to +125°C
1.0
μA
OUTPUT VOLTAGE ACCURACY
5-Lead TSOT
VOUT
IOUT = 10 mA
−1
+1
%
100 μA < IOUT < 150 mA, VIN = (VOUT + 0.4 V) to 5.5 V,
TJ = −40°C to +125°C
−2.5
+1.5
%
4-Ball WLCSP
VOUT
IOUT = 10 mA
−1
+1
%
100 μA < IOUT < 150 mA, VIN = (VOUT + 0.4 V) to 5.5 V,
TJ = −40°C to +125°C
−2.0
+1.5
%
REGULATION
Line Regulation
∆VOUT/∆VIN
VIN = (VOUT + 0.4 V) to 5.5 V, TJ = −40°C to +125°C
−0.05
+0.05
%/V
Load Regulation1
5-Lead TSOT
∆VOUT/∆IOUT
IOUT = 100 μA to 150 mA
0.003
%/mA
IOUT = 100 μA to 150 mA, TJ = −40°C to +125°C
0.0075
%/mA
4-Ball WLCSP
∆VOUT/∆IOUT
IOUT = 100 μA to 150 mA
0.002
%/mA
IOUT = 100 μA to 150 mA, TJ = −40°C to +125°C
0.006
%/mA
DROPOUT VOLTAGE2
VDROPOUT
IOUT = 10 mA
10
mV
IOUT = 10 mA, TJ = −40°C to +125°C
35
mV
IOUT = 150 mA
105
mV
IOUT = 150 mA, TJ = −40°C to +125°C
160
mV
START-UP TIME3
TSTART-UP
VOUT = 3.3 V
150
μs
CURRENT LIMIT THRESHOLD4
ILIMIT
190
260
400
mA
UNDERVOLTAGE LOCKOUT
UVLO
Input Voltage Rising
UVLORISE
TJ = −40°C to +125°C
1.96
V
Input Voltage Falling
UVLOFALL
TJ = −40°C to +125°C
1.28
V
Hysteresis
UVLOHYS
TJ = −40°C to +125°C
115
mV
THERMAL SHUTDOWN
Thermal Shutdown Threshold
TSSD
TJ rising
150
°C
Thermal Shutdown Hysteresis
TSSD-HYS
15
°C
EN INPUT
EN Input Logic High
VIH
2.2 V ≤ VIN ≤ 5.5 V
1.2
V
EN Input Logic Low
VIL
2.2 V ≤ VIN ≤ 5.5 V
0.4
V
EN Input Leakage Current
VI-LEAKAGE
EN = IN or GND
0.001
μA
EN = IN or GND, TJ = −40°C to +125°C
1
μA
OUTPUT NOISE
OUTNOISE
10 Hz to 100 kHz, VIN = 5 V, VOUT = 3.3 V
9
μV rms
10 Hz to 100 kHz, VIN = 5 V, VOUT = 2.5 V
9
μV rms
10 Hz to 100 kHz, VIN = 5 V, VOUT = 1.8 V
9
μV rms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com