Electronic Components Datasheet Search
  English  ▼

X  

MAC6071 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MAC6071
Description  TRIACs 4 AMPERES RMS 200 thru 600 VOLTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC6071 Datasheet(HTML) 1 Page - Motorola, Inc

  MAC6071 Datasheet HTML 1Page - Motorola, Inc MAC6071 Datasheet HTML 2Page - Motorola, Inc MAC6071 Datasheet HTML 3Page - Motorola, Inc MAC6071 Datasheet HTML 4Page - Motorola, Inc MAC6071 Datasheet HTML 5Page - Motorola, Inc MAC6071 Datasheet HTML 6Page - Motorola, Inc MAC6071 Datasheet HTML 7Page - Motorola, Inc MAC6071 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Motorola Thyristor Device Data
Advance Information
Sensitive Gate Triacs
Silicon Bidirectional Thyristors
. . . designed primarily for full-wave ac control applications, such as light dimmers,
motor controls, heating controls and power supplies; or wherever full-wave silicon
gate controlled solid-state devices are needed. Triac type thyristors switch from a
blocking to a conducting state for either polarity of applied anode voltage with positive
or negative gate triggering.
• Sensitive Gate Triggering (A and B versions) Uniquely Compatible for Direct
Coupling to TTL, HTL, CMOS and Operational Amplifier Integrated Circuit Logic
Functions
• Gate Triggering 4 Mode — MAC6071A,B, MAC6073A,B, MAC6075A,B
• Blocking Voltages to 600 Volts
• All Diffused and Glass Passivated Junctions for Greater Parameter Uniformity
and Stability
• Small, Rugged, Thermopad Construction for Low Thermal Resistance, High Heat
Dissipation and Durability
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Peak Repetitive Off-State Voltage(1)
(Gate Open, TJ = 25 to 110°C)
MAC6071A,B
MAC6073A,B
MAC6075A,B
VDRM
200
400
600
Volts
On-State Current RMS (TC = 85°C)
IT(RMS)
4
Amps
Peak Surge Current (One Full cycle, 60 Hz, TJ = –40 to +110°C)
ITSM
30
Amps
Circuit Fusing Considerations (t = 8.3 ms)
I2t
3.7
A2s
Peak Gate Power
PGM
10
Watts
Average Gate Power
PG(AV)
0.5
Watt
Peak Gate Voltage
VGM
5
Volts
Operating Junction Temperature Range
TJ
–40 to +110
°C
Storage Temperature Range
Tstg
–40 to +150
°C
Mounting Torque (6-32 Screw)(2)
—
8
in. lb.
1. VDRM for all types can be applied on a continuous basis. Blocking voltages shall not be tested with a constant current source such that the
voltage ratings of the devices are exceeded.
2. Torque rating applies with use of compression washer (B52200F006). Mounting torque in excess of 6 in. lb. does not appreciably lower
case-to-sink thermal resistance. Main terminal 2 and heatsink contact pad are common.
For soldering purposes (either terminal connection or device mounting), soldering temperatures shall not exceed +200
°C, for 10 seconds.
Consult factory for lead bending options.
This document contains information on a new product. Specifications and information herein are subject to change without notice.
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by MAC6071/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1996
MAC6071A,B
MAC6073A,B
MAC6075A,B
CASE 77-08
(TO-225AA)
STYLE 5
TRIACs
4 AMPERES RMS
200 thru 600 VOLTS
*Motorola preferred devices
MT1
G
MT2
MT1
MT2
G
MT2
*
*
*


Similar Part No. - MAC6071

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
MAC6071C DIGITRON-MAC6071C Datasheet
721Kb / 4P
SILICON BIDIRECTIONAL THYRISTORS
More results

Similar Description - MAC6071

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N6071 MOTOROLA-2N6071 Datasheet
118Kb / 6P
TRIACs 4 AMPERES RMS 200 thru 600 VOLTS
MAC210-4 MOTOROLA-MAC210-4 Datasheet
66Kb / 4P
TRIACs 10 AMPERES RMS 200 thru 800 VOLTS
MAC212-4 MOTOROLA-MAC212-4 Datasheet
70Kb / 4P
TRIACs 12 AMPERES RMS 200 thru 800 VOLTS
MAC4DCM MOTOROLA-MAC4DCM Datasheet
156Kb / 8P
TRIACS 4.0 AMPERES RMS 600 thru 800 VOLTS
T2322 MOTOROLA-T2322 Datasheet
79Kb / 4P
SENSITIVE GATE TRIACs 2.5 AMPERES RMS 200 thru 600 VOLTS
T2500 MOTOROLA-T2500 Datasheet
69Kb / 4P
TRIACs 6 AMPERES RMS 200 thru 800 VOLTS
T2800 MOTOROLA-T2800 Datasheet
69Kb / 4P
TRIACs 8 AMPERES RMS 200 thru 600 VOLTS
MAC250 MOTOROLA-MAC250 Datasheet
87Kb / 2P
TRIACS 15 AMPERES RMS 200 THRU 800 VOLTS
MAC218 MOTOROLA-MAC218 Datasheet
86Kb / 4P
TRIACs 8 AMPERES RMS 200 thru 800 VOLTS
logo
New Jersey Semi-Conduct...
MAC212 NJSEMI-MAC212 Datasheet
141Kb / 2P
TRIACs 12 AMPERES RMS 200 thru 800 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com