Electronic Components Datasheet Search
  English  ▼

X  

MAC6071 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MAC6071
Description  TRIACs 4 AMPERES RMS 200 thru 600 VOLTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC6071 Datasheet(HTML) 3 Page - Motorola, Inc

  MAC6071 Datasheet HTML 1Page - Motorola, Inc MAC6071 Datasheet HTML 2Page - Motorola, Inc MAC6071 Datasheet HTML 3Page - Motorola, Inc MAC6071 Datasheet HTML 4Page - Motorola, Inc MAC6071 Datasheet HTML 5Page - Motorola, Inc MAC6071 Datasheet HTML 6Page - Motorola, Inc MAC6071 Datasheet HTML 7Page - Motorola, Inc MAC6071 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MAC6071A,B MAC6073A,B MAC6075A,B
3
Motorola Thyristor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Unit
Max
Typ
Min
Symbol
Gate Trigger Current (Continuous dc)
(VD = 12 Vdc, RL = 100 Ohms)
MAC6071B, MAC6073B, MAC6075B
MT2(+), G(+)
TJ = 25°C
MT2(+), G(–)
MT2(–), G(–)
MT2(–), G(+)
MT2(+), G(+)
TJ = –40°C
MT2(+), G(–)
MT2(–), G(–)
MT2(–), G(+)
IGT
0.4
0.4
0.4
0.8
0.8
0.8
0.8
1.6
1.5
2.5
2.5
3.5
3.0
4.0
4.5
7.5
3.0
3.0
3.0
5.0
8.0
8.0
8.0
15
mA
Turn-On Time (Either Direction)
(ITM = 14 Adc, IGT = 100 mAdc)
tgt
—
1.5
—
µs
DYNAMIC CHARACTERISTICS
Characteristic
Symbol
Min
Typ
Max
Unit
Critical Rate of Rise of Off–State Voltage
(VD = 200 V, ITM = 1.4 A, Commutating dv/dt = 0.5 Vm/sec,
Gate Open, TJ = 110°C, f = 250 Hz, Snubber: CS = 0.1 mF, RS = 56 W,
see Figure 16)
(di/dt)c
—
2.2
—
A/ms
Critical Rate of Rise of Off–State Voltage
(VD = Rate VDRM, Exponential Waveform, RGK = OPEN, TJ = 110°C)
dv/dt
—
7.0
—
V/
ms
QUADRANT DEFINITIONS
QUADRANT II
QUADRANT I
QUADRANT III
QUADRANT IV
MT2(+)
MT2(–)
MT2(+), G(–)
MT2(+), G(+)
MT2(–), G(–)
MT2(–), G(+)
G(–)
G(+)
SAMPLE APPLICATION:
TTL-SENSITIVE GATE 4 AMPERE TRIAC
TRIGGERS IN MODES II AND III
0 V
–VEE
VEE = 5.0 V
MC7400
14
7
+
510
Ω
2N6071A
LOAD
4
115 VAC
60 Hz
NOTES: For detail Digital Interfacing and Silicon Bilateral Switch (SBS) trigger application information, see
the Motorola’s Thyristor Data Book (DL137/D, Revision 6).
1. Interfacing Digital Circuits to Thyristor Controlled AC Loads, page 1.6–25.
2. Silicon Bilateral Switch (SBS) Applications, page 1.6–41.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com