Electronic Components Datasheet Search
  English  ▼

X  

LTM8027EV Datasheet(PDF) 3 Page - Linear Technology

Part # LTM8027EV
Description  60V, 4A DC/DC Module Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8027EV Datasheet(HTML) 3 Page - Linear Technology

  LTM8027EV Datasheet HTML 1Page - Linear Technology LTM8027EV Datasheet HTML 2Page - Linear Technology LTM8027EV Datasheet HTML 3Page - Linear Technology LTM8027EV Datasheet HTML 4Page - Linear Technology LTM8027EV Datasheet HTML 5Page - Linear Technology LTM8027EV Datasheet HTML 6Page - Linear Technology LTM8027EV Datasheet HTML 7Page - Linear Technology LTM8027EV Datasheet HTML 8Page - Linear Technology LTM8027EV Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTM8027
3
8027f
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The RUN pin is internally clamped to 5V
Note 3: The LTM8027E is guaranteed to meet performance specifications
from 0°C to 125°C internal operating temperature. Specifications over
the full –40°C to 125°C internal operating temperature range are assured
by design, characterization and correlation with statistical process
controls. The LTM8027I is guaranteed to meet specifications over the full
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VADJ
ADJ Voltage
l
1.224
1.215
1.238
1.245
V
V
IQVIN
Quiescent Current into IN
VBIAS = VAUX, VOUT = 12VDC, No Load
VRUN = 0V
39
9
mA
μA
VBIAS1
BIAS1 Undervoltage Lockout (Rising)
BIAS1 Undervoltage Lockout (Falling)
6.5
6
V
V
IBIAS1
Current into BIAS1
No Load
RUN = 0V
25
25
mA
μA
VBIAS2
Minimum BIAS2 Voltage
6V
IBIAS2
Current Into BIAS2
1μA
VBIAS(MINOV)
Minimum Voltage to Overdrive INTVCC
Regulator
8.5
V
RFB
Internal Feedback Resistor
499
kΩ
VRUN(RISING)
RUN Enable Voltage (Rising)
1.4
V
VRUN(FALLING)
RUN Enable Voltage (Falling)
1.2
V
fSW
Switching Frequency
RT = 187kΩ
RT = 23.7kΩ
100
500
kHz
kHz
RSYNC
SYNC Input Resistance
40
kΩ
VSYNC(TH)
SYNC Voltage Threshold
fSYNC = 350kHz
l
2.3
V
ISS
Soft-Start Charging Current
2μA
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 20V, BIAS1 = BIAS2 = 10V, RUN = 2V, unless otherwise noted.
–40°C to 125°C internal operating temperature range. The LTM8027MP
is guaranteed to meet specifications over the full –55°C to 125°C
internal operating range. Note that the maximum internal temperature is
determined by specific operating conditions in conjunction with board
layout, the rated package thermal resistance and other environmental
factors.
Note 4: The maximum continuous output current may be derated by the
LTM8027 junction temperature.
Note 5: VIN voltages below the start-up threshold (7.5V) are only
supported when the VCC is externally driven above 6.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com