Electronic Components Datasheet Search
  English  ▼

X  

LTM8027EV Datasheet(PDF) 4 Page - Linear Technology

Part # LTM8027EV
Description  60V, 4A DC/DC Module Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8027EV Datasheet(HTML) 4 Page - Linear Technology

  LTM8027EV Datasheet HTML 1Page - Linear Technology LTM8027EV Datasheet HTML 2Page - Linear Technology LTM8027EV Datasheet HTML 3Page - Linear Technology LTM8027EV Datasheet HTML 4Page - Linear Technology LTM8027EV Datasheet HTML 5Page - Linear Technology LTM8027EV Datasheet HTML 6Page - Linear Technology LTM8027EV Datasheet HTML 7Page - Linear Technology LTM8027EV Datasheet HTML 8Page - Linear Technology LTM8027EV Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTM8027
4
8027f
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Load, VOUT = 2.5V
Efficiency vs Load, VOUT = 8V
LOAD (A)
0
0
10
30
40
50
100
70
1
2
8027 G01
20
80
90
60
3
4
5VIN
12VIN
24VIN
36VIN
Efficiency vs Load, VOUT = 3.3V
LOAD (A)
0
0
10
30
40
50
100
70
1
2
8027 G02
20
80
90
60
3
4
5VIN
12VIN
24VIN
36VIN
48VIN
60VIN
Efficiency vs Load, VOUT = 5V
LOAD (A)
0
0
10
30
40
50
100
70
1
2
8027 G03
20
80
90
60
3
4
12VIN
24VIN
36VIN
48VIN
60VIN
LOAD (A)
0
0
10
30
40
50
100
70
1
2
8027 G04
20
80
90
60
3
4
12VIN
24VIN
36VIN
48VIN
60VIN
Efficiency vs Load, VOUT = 12V
LOAD (A)
0
0
10
30
40
50
100
70
1
2
8027 G05
20
80
90
60
3
4
24VIN
36VIN
48VIN
60VIN
Efficiency vs Load, VOUT = 15V
LOAD (A)
0
0
10
30
40
50
100
70
1
2
8027 G06
20
80
90
60
3
4
24VIN
36VIN
48VIN
60VIN
Efficiency vs Load, VOUT = 18V
LOAD (A)
0
0
10
30
40
50
100
70
1
2
8027 G07
20
80
90
60
3
4
24VIN
36VIN
48VIN
60VIN
Efficiency vs Load, VOUT = 24V
LOAD (A)
0
0
10
30
40
50
100
70
1
2
8027 G08
20
80
90
60
3
4
36VIN
48VIN
60VIN
Input Current
vs VIN Output Shorted
VIN (V)
0
0
500
1000
1500
2000
3000
10
20
30
40
8027 G09
50
60
2500
(TA = 25°C unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com