Electronic Components Datasheet Search
  English  ▼

X  

56F8166 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # 56F8166
Description  16-bit Digital Signal Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8166 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button 56F8166 Datasheet HTML 28Page - Freescale Semiconductor, Inc 56F8166 Datasheet HTML 29Page - Freescale Semiconductor, Inc 56F8166 Datasheet HTML 30Page - Freescale Semiconductor, Inc 56F8166 Datasheet HTML 31Page - Freescale Semiconductor, Inc 56F8166 Datasheet HTML 32Page - Freescale Semiconductor, Inc 56F8166 Datasheet HTML 33Page - Freescale Semiconductor, Inc 56F8166 Datasheet HTML 34Page - Freescale Semiconductor, Inc 56F8166 Datasheet HTML 35Page - Freescale Semiconductor, Inc 56F8166 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 182 page
background image
56F8366 Technical Data, Rev. 7
32
Freescale Semiconductor
Preliminary
INDEX1
(TB2)
(MISO1)
(GPIOC2)
8Schmitt
Input
Schmitt
Input/
Output
Schmitt
Input/
Output
Schmitt
Input/
Output
Input,
pull-up
enabled
Index1 — Quadrature Decoder 1, INDEX input
TB2 — Timer B, Channel 2
SPI 1 Master In/Slave Out — This serial data pin is an input to a
master device and an output from a slave device. The MISO line of
a slave device is placed in the high-impedance state if the slave
device is not selected. The slave device places data on the MISO
line a half-cycle before the clock edge the master device uses to
latch the data. To activate the SPI function, set the INDEX_ALT bit
in the SIM_GPS register. For details, see Part 6.5.8.
Port C GPIO — This GPIO pin can be individually programmed as
an input or output pin.
After reset, the default state is INDEX1.
To deactivate the internal pull-up resistor, clear bit 2 in the
GPIOC_PUR register.
HOME1
(TB3)
(SS1)
(GPIOC3)
9Schmitt
Input
Schmitt
Input/
Output
Schmitt
Input
Schmitt
Input/
Output
Input,
pull-up
enabled
Home — Quadrature Decoder 1, HOME input
TB3 — Timer B, Channel 3
SPI 1 Slave Select — In the master mode, this pin is used to
arbitrate multiple masters. In slave mode, this pin is used to select
the slave. To activate the SPI function, set the HOME_ALT bit in
the SIM_GPS register. For details, see Part 6.5.8.
Port C GPIO — This GPIO pin can be individually programmed as
input or an output pin.
In the 56F8366, the default state after reset is HOME1.
In the 56F8166, the default state is not one of the functions offered
and must be reconfigured.
To deactivate the internal pull-up resistor, clear bit 3 in the
GPIOC_PUR register.
Table 2-2 Signal and Package Information for the 144-Pin LQFP
Signal Name
Pin No.
Type
State
During
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com