| Electronic Components Datasheet Search |
|
56F8166 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
56F8166 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc |
|
14 / 182 page ![]() 56F8366 Technical Data, Rev. 7 14 Freescale Semiconductor Preliminary 1.5 Product Documentation The documents in Table 1-3 are required for a complete description and proper design with the 56F8366/56F8166 devices. Documentation is available from local Freescale distributors, Freescale semiconductor sales offices, Freescale Literature Distribution Centers, or online at http://www.freescale.com. Table 1-3 Chip Documentation 1.6 Data Sheet Conventions This data sheet uses the following conventions: Topic Description Order Number DSP56800E Reference Manual Detailed description of the 56800E family architecture, and 16-bit controller core processor and the instruction set DSP56800ERM 56F8300 Peripheral User Manual Detailed description of peripherals of the 56F8300 devices MC56F8300UM 56F8300 SCI/CAN Bootloader User Manual Detailed description of the SCI/CAN Bootloaders 56F8300 family of devices MC56F83xxBLUM 56F8366/56F8166 Technical Data Sheet Electrical and timing specifications, pin descriptions, and package descriptions (this document) MC56F8366 56F8366 Errata Details any chip issues that might be present MC56F8366E MC56F8166E OVERBAR This is used to indicate a signal that is active when pulled low. For example, the RESET pin is active when low. “asserted” A high true (active high) signal is high or a low true (active low) signal is low. “deasserted” A high true (active high) signal is low or a low true (active low) signal is high. Examples: Signal/Symbol Logic State Signal State Voltage1 1. Values for VIL, VOL, VIH, and VOH are defined by individual product specifications. PIN True Asserted VIL/VOL PIN False Deasserted VIH/VOH PIN True Asserted VIH/VOH PIN False Deasserted VIL/VOL |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |