Electronic Components Datasheet Search
  English  ▼

X  

13892 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 13892
Description  Power Management and User Interface IC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  13892 Datasheet HTML 1Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 2Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 3Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 4Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 5Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 6Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 7Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 8Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 75 page
background image
Document Number: MC13892
Rev. 2.0, 10/2009
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product. Specifications and information herein are subject
to change without notice. © Freescale Semiconductor, Inc., 2009. All rights reserved.
Because of an order from the United States International Trade Commission, BGA-packaged product lines and part numbers indicated here currently are not
available from Freescale for import or sale in the United States prior to September 2010: MC13892VK and MC13892VL in 139, 186 MAPBGA packages.
Power Management and User
Interface IC
The 13892 is a Power Management and User Interface
components for Freescale’s i.MX51, i.MX37, i.MX35 and
i.MX27 application processors, targeting personal media
players and personal navigation devices.
Features
• Battery charger system for wall charging and USB charging
• 10 bit ADC for monitoring battery and other inputs, plus a coulomb
counter support module
• 4 adjustable output buck converters for direct supply of the
processor core and memory
• 12 adjustable output LDOs with internal and external pass devices
• 2 boost converters for supplying LCD backlight and RGB LEDs
• Serial backlight drivers for displays and keypad, plus RGB LED
drivers
• Power control logic with processor interface and event detection
• Real time clock and crystal oscillator circuitry, with coin cell backup
and support for external secure real time clock on a companion
system processor IC
• Touch screen interface
• SPI/I2C bus interface for control and register access.
• Two package offering in 7 x 7mm and 12 x 12mm.
Figure 1. 13892 Typical Operating Circuit
POWER MANAGEMENT IC
13892
Sample Parts Not Yet Available
VK SUFFIX
98ASA10820D
139-PIN 7X7 BGA
VL SUFFIX
98ASA10849D
186-PIN 12X12 BGA
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
PC13892VK/R2*
-30°C to 85°C
7x7
PC13892VL/R2*
12x12
PC13892JVK/R2
7x7
PC13892JVL/R2
12x12
* ITC effected products
CALENDAR
USB
Li Ion
Battery
Adapter
Camera
AP
Aud& Pwr Mgmt
Camera
MC13892
Power Mgmt &
User Interface
i.MX51
Apps Processor
BT (+FM)
Display
Backlight
SPI/I2C
SSI
UI
RTC
Touch
Screen
AP
Aud
Audio
IC
Mic Inputs
Stereo
Loudspeakers
Line
In/Out
UI
Backlight
Stereo
headphones
Power
Power
Coin Cell
Battery
Charger LED
RGB
Color
Indicators
CALENDAR
CALENDAR
USB
Li Ion
Battery
Adapter
Camera
AP
Aud& Pwr Mgmt
Camera
MC13892
Power Mgmt &
User Interface
i.MX51
Apps Processor
BT (+FM)
Display
Backlight
SPI/I2C
SSI
UI
UI
RTC
Touch
Screen
AP
Aud
Audio
IC
Mic Inputs
Stereo
Loudspeakers
Line
In/Out
UI
Backlight
Stereo
headphones
Power
Power
Coin Cell
Battery
Charger LED
RGB
Color
Indicators


Similar Part No. - 13892

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
13892 FREESCALE-13892 Datasheet
6Mb / 161P
Power Management and User Interface IC
13892 FREESCALE-13892 Datasheet
5Mb / 156P
Power Management and User Interface IC
13892 FREESCALE-13892 Datasheet
10Mb / 158P
Power Management Integrated Circuit (PMIC) for i.MX35/51
Rev. 19.0, 4/2014
logo
Weidmuller
1389260000 WEIDMULLER-1389260000 Datasheet
102Kb / 4P
SLAD 12/6/90B 3.2SN OR
logo
Freescale Semiconductor...
13892 FREESCALE-13892_10 Datasheet
6Mb / 161P
Power Management and User Interface IC
More results

Similar Description - 13892

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33560 ONSEMI-MC33560 Datasheet
435Kb / 24P
Power Management and Interface IC for Smartcard Readers and Couplers
October, 1999 ??Rev. 0
logo
ATMEL Corporation
AT73C201 ATMEL-AT73C201 Datasheet
45Kb / 3P
POWER SUPPLY AND BATTERY MANAGEMENT IC
logo
ON Semiconductor
MC33560 ONSEMI-MC33560_05 Datasheet
265Kb / 26P
Power Management and Interface IC for Smartcard Readers and Couplers
August, 2005 ??Rev. 5
logo
Teridian Semiconductor ...
73S8009C TERIDIAN-73S8009C Datasheet
364Kb / 33P
Versatile Power Management and Smart Card Interface IC
logo
Freescale Semiconductor...
13892 FREESCALE-13892_10 Datasheet
6Mb / 161P
Power Management and User Interface IC
13892 FREESCALE-13892_11 Datasheet
5Mb / 156P
Power Management and User Interface IC
logo
Texas Instruments
TPS65013RGZR TI-TPS65013RGZR Datasheet
1Mb / 59P
POWER AND BATTERY MANAGEMENT IC
TPS65014 TI1-TPS65014_15 Datasheet
1Mb / 69P
Power- and Battery-Management IC
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
System Power Management and Protection IC
logo
Teridian Semiconductor ...
73S8009C TERIDIAN-73S8009C_V01 Datasheet
360Kb / 32P
Versatile Power Management and Smart Card Interface IC
February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com