Electronic Components Datasheet Search
  English  ▼

X  

13892 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # 13892
Description  Power Management and User Interface IC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 16Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 17Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 18Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 19Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 20Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 21Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 22Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 23Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 75 page
background image
Analog Integrated Circuit Device Data
20
Freescale Semiconductor
13892
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Because of an order from the United States International Trade Commission, BGA-packaged product lines and part numbers indicated here currently are not
available from Freescale for import or sale in the United States prior to September 2010: MC13892VK and MC13892VL in 139, 186 MAPBGA packages.
VCAM LOW POWER MODE DC
Output Voltage VOUT
VINMIN < VIN < VINMAX, ILMINLP < IL < ILMAXLP
VCAMLO
VNOM –
3%
VNOM
VNOM + 3%
V
Current Load Range ILMINLP to ILMAXLP
ICAMLO
0
-
3.0
mA
Low Power Mode Quiescent Current
VINMIN < VIN < VINMAX, IL = 0
ICAMQSLO
-
8.0
10.5
µA
VSD
Operating Input Voltage Range VINMIN to VINMAX
VSD[2:0]=010 to 111
VSD[2:0]=010 to 111, Extended Operation
VSD[2:0]=000, 001 [000] BP Supplied
VSD[2:0]=000 External Switcher Supplied
VINSD
VNOM+0.2
5
UVDET
UVDET
2.15
-
-
-
2.20
4.65
4.65
4.65
4.65
V
Operating Current Load Range ILMIN to ILMAX
Not exceeding PNP max power
ISD
0
-
250
mA
Extended Input Voltage Range
Performance may be out of specification for output levels VSD[2:0]=010 or
greater
VINSDEXT
UVDET
-
4.65
V
Minimum Bypass Capacitor Value
COSD
1.1
2.2
-
µF
Bypass Capacitor ESR
10 kHz -1.0 MHz
ESRSD
20
-
100
m
Ω
VSD ACTIVE MODE DC
Output Voltage VOUT
VINMIN < VIN < VINMAX, ILMIN < IL < ILMAX
VSD
VNOM –
3%
VNOM
VNOM + 3%
V
Load Regulation
1.0 mA < IL < ILMAX, for any VINMIN < VIN < VINMAX
VSDLOR
-
-
0.25
mV/mA
Line Regulation
VINMIN < VIN < VINMAX, for any ILMIN < IL < ILMAX
VSDLIR
-
5.0
8.0
mV
Short-circuit Protection Threshold
VINMIN < VIN < VINMAX, Short-circuit VOUT to GND
ISDSHT
ILMAX+20
%
-
-
mA
Active Mode Quiescent Current
VINMIN < VIN < VINMAX, IL = 0
ISDQS
-
30
45
µA
Table 5. Static Electrical Characteristics (Continued)
Currents valid over entire operating temperature range, except at 25°C only. Current in RTC Mode is from LICELL = 2.5 V, in
all other modes from BP = 3.6 V. External loads are not included.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com