Electronic Components Datasheet Search
  English  ▼

X  

PT6901 Datasheet(PDF) 3 Page - Princeton Technology Corp

Part # PT6901
Description  High Power LED Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6901 Datasheet(HTML) 3 Page - Princeton Technology Corp

  PT6901 Datasheet HTML 1Page - Princeton Technology Corp PT6901 Datasheet HTML 2Page - Princeton Technology Corp PT6901 Datasheet HTML 3Page - Princeton Technology Corp PT6901 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PT6901
V1.5
3
August, 2009
ORDER INFORMATION
Valid Part Number
Package Type
Top Code
PT6901-SA
8 Pins, SOP, 150MIL
PT6901-SA
PIN CONFIGURATION
PIN DESCRIPTION
Pin Name
Description
Pin No.
CS
Senses LED string current with an external sense resistor. When the voltage of CS pin exceeds
the lower of either the internal 240mV or the voltage of LD pin, the GD output goes low.
1
GND
IC Ground.
2
GD
IC output drives the gate of external MOSFET.
3
VIN
Input supply voltage 8V-12V DC.
4
PWMD
Low frequency PWM dimming pin, also enable pin. When PWMD pin is floating or is pulled to
GND, IC operates in shut-down mode. When PWMD pin is pulled to high, IC operates normally.
5
VDD
Internal regulated voltage. The voltage acts as power supply of internal control circuit, also
provides a supply voltage for external circuit. The current source capability is limited less than
10mA.
6
LD
Linear dimming. If the voltage at the LD pin is less than 240mV, the LD pin voltage sets the
current sense threshold.
7
RF
Oscillator frequency control. The PT6901 operates in constant frequency mode when a resistor
is connected between RF and GND. The PT6901 operates in constant off-time mode when a
resistor is connected between RF and GD.
8



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com