Electronic Components Datasheet Search
  English  ▼

X  

PT6901 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT6901
Description  High Power LED Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6901 Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT6901 Datasheet HTML 1Page - Princeton Technology Corp PT6901 Datasheet HTML 2Page - Princeton Technology Corp PT6901 Datasheet HTML 3Page - Princeton Technology Corp PT6901 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PT6901
High Power LED Driver
Tel: 886-66296288‧Fax: 886-29174598‧ http://www.princeton.com.tw‧2F, 233-1, Baociao Road, Sindian, Taipei 23145, Taiwan
DESCRIPTION
PT6901 is an open loop current mode control high
brightness LED driver IC. PT6901 can be programmed
to operate in either constant frequency or constant
off-time mode. The frequency can be programmable
set as 30KHz~300KHz. The PT6901 is ideally suited
for buck LED drivers. It exports PWM signal to control
the external MOS. The PT6901 supply voltage input
range is from 8V to 12V, and the output current can be
programmed between a few milliamps and up to more
than 1.0A. PT6901 can drive a single or multiple series
LEDs, and provide reliability constant current output by
detecting LED peak current.
The functions of linear and PWM dimming are
included. PT6901 provides a low-frequency PWM
dimming input that can accept an external control
signal with a duty cycle of 0~100% and a frequency
between 100Hz and a few KHz. Output current to LED
string can be programmed to any value between 0 to
its maximum value at the PWM dimming control input
of PT6901. Also, a 0~240mV linear dimming input can
be used for linear dimming of the LED current.
APPLICATIONS
• DC/DC or AC/DC LED driver
• Backlight LED driver
• Constant-Current driver
• Charger
FEATURES
• Constant-current driver
• >85% Efficiency
• Constant frequency or constant off-time
operation
• 8V to 12V input range
• LED string from one to hundreds diodes
• Applications from a few mA to more than 1A LED
driver
• PWM low-frequency dimming and linear dimming
BLOCK DIAGRAM


Similar Part No. - PT6901

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6901 TI-PT6901 Datasheet
188Kb / 5P
12 WATT PLUS TO MINUS VOLTAGE CONVERTER
logo
Princeton Technology Co...
PT6901 PTC-PT6901 Datasheet
230Kb / 4P
High Power LED Driver
PT6901-SA PTC-PT6901-SA Datasheet
230Kb / 4P
High Power LED Driver
logo
Texas Instruments
PT6901N TI1-PT6901N Datasheet
439Kb / 7P
12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
logo
Princeton Technology Co...
PT6901 PTC-PT6901_10 Datasheet
230Kb / 4P
High Power LED Driver
More results

Similar Description - PT6901

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78100 INTERSIL-ISL78100 Datasheet
713Kb / 19P
High Power LED Driver
December 17, 2007
logo
List of Unclassifed Man...
MLX10803 ETC2-MLX10803 Datasheet
462Kb / 25P
High power LED driver
MLX10803 ETC2-MLX10803_06 Datasheet
461Kb / 25P
High power LED driver
logo
Agamem Microelectronic ...
AA1716 AGAMEM-AA1716 Datasheet
45Kb / 1P
HIGH POWER LED DRIVER
logo
Princeton Technology Co...
PT6904 PTC-PT6904 Datasheet
371Kb / 4P
High Power LED Driver
PT6901 PTC-PT6901_10 Datasheet
230Kb / 4P
High Power LED Driver
logo
Agamem Microelectronic ...
AA1702 AGAMEM-AA1702 Datasheet
46Kb / 1P
HIGH POWER LED DRIVER
logo
LDT Co., Ltd
LD1611 LDT-LD1611 Datasheet
352Kb / 13P
High Power LED Driver
logo
Diodes Incorporated
PAM2842 DIODES-PAM2842 Datasheet
503Kb / 17P
HIGH POWER LED DRIVER
Rev 1
logo
IK Semicon Co., Ltd
IK2802 IKSEMICON-IK2802 Datasheet
597Kb / 12P
HIGH-POWER LED DRIVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com