Electronic Components Datasheet Search
  English  ▼

X  

PT8913 Datasheet(PDF) 3 Page - Princeton Technology Corp

Part # PT8913
Description  USB Speaker Controller with Class D Amp.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT8913 Datasheet(HTML) 3 Page - Princeton Technology Corp

  PT8913 Datasheet HTML 1Page - Princeton Technology Corp PT8913 Datasheet HTML 2Page - Princeton Technology Corp PT8913 Datasheet HTML 3Page - Princeton Technology Corp PT8913 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PT8913
V1.1
3
October 2009
ORDER INFORMATION
Valid Part Number
Package Type
Top Code
PT8913-S
24 Pins, SOP, 300mil
PT8913-S
PIN CONFIGURATION
PIN DESCRIPTION
Pin Name
I/O
Description
Pin No.
USBDP
I
USB data plus
1
USBDM
I
USB data minus
2
Vreg
Power
Regulator 3.3V power
3
Test
I
Tie to high, Tie to low to issue remote wake up signal
4
GND
power
DAC ground
5
Vref
Power
Reference voltage
6
VDD2
Power
DAC power
7
DACOR
O
DAC output right channel
8
VOLINR
I
Volume in right channel
9
VOLINL
I
Volume in left channel
10
DACOL
O
DAC output left channel
11
NC
-
Not used
12
NC
-
Not used
13
OUTLP
O
Left channel positive output
14
GNDL
Power
Left channel ground
15
VDDL
Power
Left channel power
16
OUTLN
O
Left channel negative output
17
OUTRN
O
Right channel negative output
18
VDDR
Power
Right channel power
19
GNDR
Power
Right channel ground
20
OUTRP
O
Right channel positive output
21
OSCO
O
Output for 12MHz oscillator
22
OSCI
I
Input for 12MHz oscillator
23
VDD1
Power
USB 5V power
24



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com